W2CA-13B-R2/N
AI

The **W2CA-13B-R2/N** is a specific electrical accessory, primarily categorized as a **Limit Switch Actuator** or **Head Assembly**, typically associated with industrial sensors or limit switches (most notably from manufacturers like Omron).
---
### 1. General Specifications
This part functions as the mechanical interface between a physical object and the internal electrical contacts of a switch.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Actuator Head / Operating Head |
| **Actuator Style** | Adjustable Roller Lever |
| **Series Compatibility** | Often used with WLC-series or similar limit switch bodies |
| **Material** | Heavy-duty metal/alloy (for industrial durability) |
| **Environmental Rating** | Usually IP67 (Dust-tight, Water-resistant) |
---
### 2. Detailed Electronic & Mechanical Parts
#### A. The Roller (The "R2" Designation)
* **Function:** This is the point of contact with the moving machine part.
* **Material:** Often made of stainless steel or high-strength resin to minimize friction and wear.
* **Operation:** It rotates as it comes into contact with a cam or dog, converting linear motion into rotational motion for the switch.
#### B. Adjustable Lever Arm
* **Mechanism:** The "13B" typically refers to the arm length and adjustability.
* **Feature:** This allows the user to change the length of the arm or the angle of the roller to fine-tune the "trip point" of the electronic circuit inside the switch body.
#### C. Return Spring (Internal)
* **Role:** An internal torsion spring ensures that once the external force is removed, the lever returns to its "Normal" (Resting) position.
* **Electronic Impact:** This determines the reset speed of the NO (Normally Open) and NC (Normally Closed) contacts.
#### D. Cam and Shaft
* **Internal Linkage:** The lever is attached to a shaft that rotates a cam inside the head.
* **Switch Trigger:** This cam pushes down on the plunger of the switch body, physically moving the electrical contacts to open or close the circuit.
---
### 3. Application Use Case
In an industrial control system, the **W2CA-13B-R2/N** would be part of a circuit designed to:
1. **Detect End-of-Travel:** Stopping a motor when a carriage reaches a certain point.
2. **Object Counting:** Triggering a pulse to a PLC (Programmable Logic Controller) every time a part passes on a conveyor.
3. **Safety Interlocking:** Ensuring a machine door is closed before allowing the circuit to energize.
---
### 4. Mounting and Integration
The "/N" suffix usually denotes a specific mounting or revision standard (often "New" or a specific thread type for the mounting screws).
```markdown
Note: This part is an actuator head ONLY. It does not contain the electrical contact block itself. It must be paired with a switch body (e.g., WLCAL4-N) to function as a complete electronic component.
```
- ⤷
Which switch bodies are compatible with the W2CA-13B-R2/N?
- ⤷ What is the difference between a roller lever and a plunger actuator?
- ⤷ Does this actuator support high-temperature industrial environments?