W2CA-141-R
AI

The **W2CA-141-R** is a specific part number associated with a high-performance **RF/Microwave Coaxial Cable Assembly**. These components are typically used in telecommunications, aerospace, and high-frequency testing environments.
---
## 1. Technical Specifications
The W2CA-141-R is defined by its physical construction and its ability to handle high-frequency signals with minimal loss.
| Feature | Description |
| :--- | :--- |
| **Cable Type** | RG-402 (0.141") Semi-Rigid or Conformable |
| **Impedance** | 50 Ohms (Standard for RF) |
| **Frequency Range** | DC up to 18 GHz (typ.) or 27 GHz (max) |
| **Connector Type** | Usually SMA (Male/Plug) on both ends |
| **Plating** | Gold-plated center contacts |
| **RoHS Status** | Compliant (Indicated by the "-R" suffix) |
---
## 2. Structural Breakdown
The "141" in the part number refers to the diameter of the cable (0.141 inches). This size is a industry standard for a balance between power handling and flexibility.
### A. Center Conductor
Typically made of **Silver-Plated Copper Clad Steel (SPCW)**. This provides excellent conductivity and strength.
### B. Dielectric
The insulation layer is usually **PTFE (Teflon)**. It has a low dielectric constant, which ensures that signals travel fast with low attenuation (signal loss).
### C. Shielding
* **Outer Conductor:** In "Conformable" versions (like the 141-R), the shield is a tin-filled copper braid.
* **Function:** This provides 100% shielding effectiveness, preventing electromagnetic interference (EMI) from leaking out or entering the signal path.
---
## 3. Key Applications
Because of its high precision and durability, the W2CA-141-R is used in specific electronic sectors:
1. **Test and Measurement:** Connecting signal generators to oscilloscopes or spectrum analyzers.
2. **Military/Aerospace:** Used in radar systems where signal integrity is critical.
3. **Base Stations:** Internal wiring for 5G/LTE cellular towers.
4. **Satellite Communications:** Handling high-frequency microwave uplinks.
---
## 4. Why the "-R" Suffix?
In modern electronics manufacturing, the **-R** suffix almost always denotes **RoHS Compliance**. This means the part is manufactured without the use of restricted hazardous substances like lead, cadmium, or mercury, making it suitable for global sale and environmentally friendly disposal.
- ⤷
What is the difference between semi-rigid and conformable 141 cables?
- ⤷ How do I calculate the signal loss (attenuation) for this cable over 10 feet?
- ⤷ What are the torque requirements for the SMA connectors on this assembly?