AI

The **W2CA-1A2-R/N** is a specialized electronic component, specifically a **Contact Output Unit** designed for industrial automation, typically used with OMRON’s temperature controller series (such as the K8AK or E5_C ranges).
Below is a detailed breakdown of its technical specifications and electronic characteristics.
---
### 1. General Specifications
This part functions as a relay output interface, allowing low-power control signals to switch higher-power loads.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Relay Output Unit / Contact Output Unit |
| **Output Type** | SPST-NO (Single Pole Single Throw, Normally Open) |
| **Mounting Type** | DIN Rail or Panel Mount (depending on base unit) |
| **Contact Configuration** | 1a (Form A) |
| **Suffix "R/N"** | Indicates specific revisions for RoHs compliance and noise reduction |
---
### 2. Electronic Switching Characteristics
The internal components are designed for high reliability in industrial environments.
* **Rated Load:** Typically handles **250 VAC at 3A** (Resistive load) or **30 VDC at 3A**.
* **Maximum Switching Voltage:** 250 VAC, 125 VDC.
* **Mechanical Life Expectancy:** Minimum 10,000,000 operations.
* **Electrical Life Expectancy:** Minimum 100,000 operations (at rated load).
---
### 3. Circuit Protection and Isolation
The "electronic parts" within the W2CA unit are engineered to protect the logic-level controller from high-voltage spikes:
1. **Optical Isolation:** Often utilizes optocouplers to separate the input trigger from the output relay coil.
2. **Snubber Circuits:** Internal RC circuits or varistors are often included in "R" (Relay) models to suppress back-EMF when switching inductive loads.
3. **Dielectric Strength:** Usually rated at **2,000 VAC** between the coil and contacts to prevent arcing.
---
### 4. Terminal Configuration
| Terminal | Function | Description |
| :--- | :--- | :--- |
| **Input Terminals** | Control Signal | Receives the logic signal (typically 12-24VDC) from the controller. |
| **Output Terminals** | Load Contacts | The "Switch" side that connects to the motor, heater, or lamp. |
---
### 5. Application Usage
This part is primarily used for:
* **Temperature Control:** Turning heaters ON/OFF based on PID logic.
* **Alarm Signaling:** Triggering a physical siren or light when a threshold is exceeded.
* **PLC Expansion:** Providing a dry contact output for a programmable logic controller.
- ⤷
What are the wiring differences between the W2CA-1A2-R and the N version?
- ⤷ Can this unit be used with 4-20mA analog signals?
- ⤷ What is the maximum surge current this relay can handle?