Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2CA-1B1-R2

  • AI
    The **W2CA-1B1-R2** is a specialized electronic component primarily categorized as a **Limit Switch Accessory** or a **Wireless Transmitter Unit**, typically associated with Omron's industrial automation product line (specifically the W2CA series). --- ## Technical Specifications The following table outlines the key electronic and functional characteristics of the W2CA-1B1-R2: | Feature | Specification | | :--- | :--- | | **Type** | Wireless Transmitter Unit | | **Frequency Band** | 2.4 GHz (Sub-GHz variants exist, but standard is 2.4GHz) | | **Input Channels** | 1 Channel (Single input) | | **Switch Compatibility** | Mechanical Limit Switches / Microswitches | | **Transmission Range** | Approx. 10m to 30m (depending on environment/obstructions) | | **Mounting Style** | Direct attachment to Switch head | | **Application** | Moving machinery where wiring is difficult or prone to damage | --- ## Core Electronic Components & Architecture ### 1. RF Transmission Module The heart of the unit is a low-power radio frequency (RF) circuit. It converts the mechanical state of a switch (Open/Closed) into a digital packet transmitted wirelessly to a receiver (Base Station). ### 2. Energy Conversion / Power Source Most units in this series utilize a **Battery-free** or **Long-life Battery** approach. * **Mechanical Harvesting:** Some variants use the kinetic energy of the switch press to power the signal. * **Battery Power:** If battery-powered, the circuitry is designed for extreme low-power consumption, remaining in "Sleep Mode" until the switch is actuated. ### 3. Signal Modulation It uses digital modulation to ensure that interference from other industrial equipment (like motors or welders) does not trigger false signals. Each unit has a unique **ID Code** to prevent cross-talk between multiple switches in the same factory. --- ## Use Case Scenarios 1. **Rotary Tables:** Used where continuous 360-degree rotation makes wiring impossible. 2. **Robotic Arms:** Reduces "cable fatigue" by removing the need for signal wires that bend repeatedly. 3. **Retrofitting:** Adding limit sensing to existing machines without cutting conduits or installing new cable trays. --- ## Connection Diagram (Conceptual) ```mermaid graph LR A[Mechanical Actuator] --> B[W2CA-1B1-R2 Transmitter] B -- Wireless Signal (2.4GHz) --> C[W2V Receiver] C --> D[PLC / Controller] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum number of transmitters that can be paired with one receiver?
    • ⤷ Is the W2CA-1B1-R2 rated for hazardous or explosive environments?
    • ⤷ How do you perform the 'Pairing' or 'Registration' process for this unit?