W2CA-1BC-R2
AI

## W2CA-1BC-R2 Electronic Component Overview
The **W2CA-1BC-R2** is a specialized cable assembly primarily used in industrial automation, specifically within the **OMRON** ecosystem. It is designed to bridge connections between specific sensor controllers and peripheral devices.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Omron Automation & Safety |
| **Category** | Sensors, Transducers - Accessories |
| **Product Type** | Cable Assembly / Connection Cable |
| **Connector Type** | Circular (Standard for sensor interfaces) |
| **Length** | Typically 2 Meters (Varies by sub-revision) |
| **Shielding** | Shielded (Reduces EMI/RFI interference) |
---
### Core Components and Design
#### 1. Connector Interface
The "1BC" designation usually refers to the specific pin configuration and connector housing. This cable typically features a ruggedized industrial connector on one end and leads (or a matching connector) on the other, designed to withstand vibration and mechanical stress in factory environments.
#### 2. Electrical Characteristics
* **Insulation Resistance:** Designed to prevent current leakage between signal wires.
* **Voltage Rating:** Rated for low-voltage DC signals (typically 12V to 24V DC), common in PLC (Programmable Logic Controller) logic.
* **Wire Gauge:** Optimized for signal integrity rather than high current carrying capacity.
#### 3. Environmental Durability
The "R2" suffix often denotes a specific revision or a high-flexibility rating (Robot Cable grade). This means the internal copper strands are finer and the outer jacket is more durable, allowing the cable to be used in:
* **Cable Tracks:** Moving parts of machinery.
* **Robotic Arms:** Where constant twisting and bending occur.
* **Oil-Resistant Environments:** The outer sheath is usually resistant to industrial lubricants.
---
### Common Applications
The W2CA-1BC-R2 is most frequently used with **OMRON Displacement Sensors** or **Vision Systems**. It acts as the "nerve" connecting the sensor head to the amplifier or processing unit, ensuring that analog or high-speed digital signals are transmitted without loss.
---
- ⤷What specific Omron sensor models are compatible with the W2CA-1BC-R2?
- ⤷ What is the difference between a standard cable and an 'R2' robot-grade cable?
- ⤷ How does the shielding in this cable protect against electrical noise?