W2CA-1CC-R
AI

## Overview of the W2CA-1CC-R
The **W2CA-1CC-R** is a specific model of a **Twin Timer** (also known as a Repeat Cycle Timer), typically manufactured by **Omron** or compatible industrial control brands. It is designed to control the repetitive switching of an electrical load based on independent "ON" and "OFF" time durations.
---
### 1. Core Electronic Components & Architecture
The internal circuitry of a W2CA-1CC-R generally consists of four primary functional blocks:
| Component Block | Function |
| :--- | :--- |
| **Power Supply Unit** | Converts the input voltage (e.g., 100-240VAC) to low-voltage DC to power the internal logic. |
| **Oscillator / Logic IC** | The "brain" that counts time intervals based on a quartz crystal or RC circuit. |
| **Potentiometers** | Dual knobs on the front face used to manually adjust the resistance, which sets the timing duration. |
| **Electromagnetic Relay** | The output mechanism that physically opens or closes the electrical circuit. |
---
### 2. Technical Specifications
Below are the typical electronic characteristics for this series:
| Parameter | Specification |
| :--- | :--- |
| **Operating Voltage** | 100 to 240 VAC (50/60 Hz) or 24 VDC (model dependent) |
| **Output Type** | Relay Contact (SPDT - Single Pole Double Throw) |
| **Contact Rating** | 5A at 250 VAC (Resistive Load) |
| **Time Ranges** | Variable (often 0.1s to 30h depending on setting) |
| **Terminal Type** | 8-pin Plug-in socket |
| **Operating Mode** | Repeat Cycle (OFF-start or ON-start) |
---
### 3. Pin Configuration (8-Pin Base)
To integrate this part into a circuit, the pinout is the most critical electronic aspect:
* **Pins 2 & 7:** Power Input (Source voltage).
* **Pin 1:** Common for Contact A.
* **Pin 3:** Normally Open (NO) for Contact A.
* **Pin 4:** Normally Closed (NC) for Contact A.
* **Pins 5, 6, 8:** Used for secondary contacts or specific control signaling in twin-timer variants.
---
### 4. Logic of Operation (Twin Timing)
Unlike a standard delay timer, the electronic logic of the W2CA-1CC-R follows a "Flicker" pattern:
1. **Start:** Power is applied to the unit.
2. **Period 1 (OFF Time):** The relay remains de-energized for the duration set on the "OFF" dial.
3. **Period 2 (ON Time):** The relay energizes (closing the NO contact) for the duration set on the "ON" dial.
4. **Repeat:** The cycle repeats indefinitely as long as power is supplied.
---
### 5. Application Example: Wiring Code
If you were to interface this with a PLC or a simple motor starter, the logic would look like this in a simplified representation:
```python
# Conceptual Logic for a Twin Timer
while power_is_on:
relay.state = OFF
wait(OFF_dial_setting)
relay.state = ON
wait(ON_dial_setting)
```
- ⤷
What are the different time range settings available for the W2CA series?
- ⤷ How do I wire the W2CA-1CC-R to an external 8-pin socket?
- ⤷ Can the W2CA-1CC-R be used for a single-shot pulse instead of a repeat cycle?