Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2CA-1D4-R

  • AI
    ### Overview: W2CA-1D4-R The **W2CA-1D4-R** is a specific model within the **W2CA series** of **Current Sensors** (also referred to as Current Transducers) manufactured by **OMRON**. These devices are designed to detect alternating current (AC) and provide a signal for monitoring or protection circuits. --- ### Technical Specifications Below are the primary electronic characteristics of the W2CA-1D4-R: | Feature | Specification | | :--- | :--- | | **Type** | Current Sensor (AC Current Detector) | | **Rated Input Current** | 100A to 200A (Typical for -1D4 models) | | **Control Voltage** | 100/110/120 VAC or 200/220/240 VAC (Model dependent) | | **Output Type** | Relay Output (SPDT - Single Pole Double Throw) | | **Operating Principle** | Electromagnetic induction via internal CT | | **Mounting Type** | Surface mount or Track (DIN rail) mounting | --- ### Key Electronic Components & Features #### 1. Internal Current Transformer (CT) The device contains a built-in current transformer. When a primary wire passes through the sensor's opening, it induces a secondary current proportional to the primary load. #### 2. Detection Circuitry The "1D4" designation typically refers to the detection range and the specific electronic logic used to trigger the output. It monitors whether the current: * Exceeds a preset threshold (Overcurrent). * Falls below a preset threshold (Undercurrent). #### 3. Output Relay Unlike simple sensors that output a low-voltage analog signal, the W2CA-1D4-R features a **hard-contact relay output**. * **Capacity:** Usually rated for 2A to 5A at 250VAC. * **Function:** This allows the sensor to directly interrupt a control circuit or trigger an alarm without needing an external PLC or amplifier. #### 4. Adjustment Knobs (Potentiometers) The unit typically features physical dials on the faceplate: * **Set Value:** To adjust the trip current level. * **Time Delay:** To prevent nuisance tripping caused by temporary motor inrush currents or surges. --- ### Typical Applications * **Motor Protection:** Detecting locked-rotor conditions or phase loss. * **Heater Monitoring:** Identifying a burnt-out heating element by detecting a drop in current. * **Conveyor Belts:** Detecting jams or mechanical overloads. --- ### Wiring Configuration | Terminal | Function | | :--- | :--- | | **L1 / L2** | Power supply for the internal electronics. | | **COM / NO / NC** | Relay contacts for external control logic. | | **Through-hole** | Primary wire carrying the load current to be measured. |
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the relay contacts on the W2CA-1D4-R?
    • ⤷ How do I calculate the number of wire turns needed for low-current applications?
    • ⤷ Does this model support DC current detection or only AC?