Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2CA-1DC-R2/N

  • AI
    The **W2CA-1DC-R2/N** is a specific electronic component typically categorized as a **Solid State Relay (SSR)** or a specialized **Interface Module**, often used in industrial automation for signal isolation and power switching. --- ### 1. Component Identification and Specifications Based on the part number nomenclature (frequently associated with industrial manufacturers like OMRON or similar automation brands), here are the primary technical characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | Solid State Relay / Interface Module | | **Input Voltage** | 12-24V DC (Standard Control Signal) | | **Output Type** | DC Load Switching | | **Load Capacity** | Typically 2A to 5A (depending on heat sinking) | | **Configuration** | Single Channel (1DC) | | **Mounting Type** | DIN Rail or PCB Mount | --- ### 2. Key Electronic Parts & Construction The internal circuitry of the W2CA-1DC-R2/N consists of several critical stages to ensure safe and efficient operation: #### A. Input Circuit (Control Side) * **LED Indicator:** A visual status LED (usually green or red) that lights up when the control signal is active. * **Current Limiting Resistor:** Protects the internal optocoupler from excessive current. * **Reverse Polarity Protection Diode:** Prevents damage if the DC input wires are connected backwards. #### B. Isolation Barrier * **Optocoupler (Photocoupler):** This is the heart of the device. It uses light to transfer the signal from the input to the output, providing **galvanic isolation** (typically up to 2,500V or 4,000V). This protects the sensitive PLC or controller from high-voltage spikes on the load side. #### C. Output Circuit (Switching Side) * **Power MOSFET/Transistor:** Unlike mechanical relays, this uses a semiconductor to switch the load. This allows for millions of operations without wear. * **Snubber Circuit:** A combination of resistors and capacitors (or a Varistor/Zener) to suppress inductive "kickback" when switching DC motors or solenoids. * **Low On-Resistance ($R_{DS(on)}$):** Designed to minimize heat generation during operation. --- ### 3. Practical Applications The "R2" designation often implies a specific terminal arrangement or a "Replacement" module compatibility. Common uses include: 1. **PLC Interfacing:** Converting a low-power PLC output to drive a higher-power DC valve. 2. **High-Speed Switching:** Used where mechanical relays are too slow or would wear out too quickly. 3. **Signal Isolation:** Preventing electrical noise from a motor circuit from traveling back into a computer control system. --- ### 4. Connection Diagram (General) ```text [Control Side] [Load Side] + (Vcc) -------------------- (Load) --- +V DC - (GND) -------------------- (Drain) (Supply) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this specific SSR?
    • ⤷ Does this model require an external heat sink for full rated current?
    • ⤷ How does this DC-output model differ from an AC-output SSR?