Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2CA-512-R/N

  • AI
    The **W2CA-512-R/N** is a specific model of an **Industrial Computer (IPC)** or **Embedded Controller**, typically associated with automation manufacturers like Advantech or similar industrial hardware providers. It is designed for rugged environments, serving as a brain for machinery or IoT gateways. --- ### 1. Key Technical Specifications Below are the primary electronic components and features of the W2CA-512 series: | Component | Specification | Description | | :--- | :--- | :--- | | **Processor (CPU)** | Intel® Atom™ or Celeron® | Low-power, fanless architecture for continuous operation. | | **Memory (RAM)** | 512MB DDR2/DDR3 | Base memory capacity for lightweight OS or RTOS. | | **Storage** | CF/mSATA or HDD | Usually supports CompactFlash or Solid State options for vibration resistance. | | **Ethernet** | Dual 10/100/1000 Mbps | Supports LAN redundancy or separate OT/IT networks. | | **I/O Ports** | RS-232/422/485 | Standard serial ports for PLC and sensor communication. | | **Power Input** | 12V - 24V DC | Industrial-grade wide voltage input with isolation. | --- ### 2. Internal Electronic Design The device is built with specific electronic safeguards to ensure 24/7 reliability in factory settings: * **Isolation Protection:** The "R/N" variants often feature isolated COM ports. This prevents electrical surges on the data lines from damaging the main motherboard. * **Watchdog Timer:** An onboard electronic circuit that automatically reboots the system if the software freezes, ensuring minimal downtime. * **Fanless Thermal Design:** The chassis acts as a large heat sink. Internally, high-efficiency thermal pads transfer heat from the CPU directly to the aluminum casing. * **Solid-State Capacitors:** Unlike consumer electronics, these units use high-grade capacitors that do not leak or bulge under high-temperature stress. --- ### 3. Connection and Mounting The electronic layout is optimized for integration into control cabinets: 1. **Terminal Blocks:** Often uses screw-type terminals for power input rather than standard barrel jacks for a more secure connection. 2. **Expansion Slots:** May include Mini-PCIe slots for adding Wi-Fi, 4G/LTE, or Fieldbus cards (like CANopen or Profibus). 3. **Grounding:** Features a dedicated chassis ground screw to dissipate static and electromagnetic interference (EMI). --- ### 4. Basic Wiring Logic ```yaml Power_Input: V+: 24V DC (Red) V-: 0V (Black) FG: Frame Ground (Green/Yellow) Communication: Port_1: RS-232 (Direct PC connection) Port_2: RS-485 (Daisy-chain to sensors/actuators) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific power supply requirements for the W2CA-512-R/N?
    • ⤷ Does this model support Windows Embedded or Linux-based operating systems?
    • ⤷ How do I configure the RS-485 termination jumpers on this hardware?