Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2CA-512-R2

  • AI
    The **W2CA-512-R2** is a specific part number typically associated with high-performance **Fiber Optic Transceiver Modules**, specifically belonging to the **SFP (Small Form-factor Pluggable)** or **SFP+** category. These are used in networking equipment like switches, routers, and firewalls to interface a network device motherboard to a fiber optic or copper networking cable. --- ### Technical Specifications Below are the general electronic and optical characteristics common to this specific series: | Parameter | Specification | | :--- | :--- | | **Form Factor** | SFP (Small Form-factor Pluggable) | | **Data Rate** | Typically 1.25 Gbps (Gigabit Ethernet) | | **Fiber Type** | Multi-Mode Fiber (MMF) | | **Wavelength** | 850 nm | | **Max Distance** | 550 meters (on 50/125µm MMF) | | **Connector Type** | Dual LC (Lucent Connector) | | **Operating Voltage** | 3.3V (Standard for SFP) | --- ### Key Electronic Components The internal architecture of the W2CA-512-R2 consists of several critical electronic sub-assemblies: #### 1. TOSA (Transmitter Optical Sub-Assembly) This component converts electrical signals from the host device into light. It usually employs a **VCSEL (Vertical-Cavity Surface-Emitting Laser)** for multi-mode fiber. * **Driver IC:** Regulates the current to the laser to maintain stable optical output. #### 2. ROSA (Receiver Optical Sub-Assembly) This component detects the incoming light and converts it back into electrical signals. * **Photodiode:** Usually a PIN photodiode. * **TIA (Transimpedance Amplifier):** Converts the small current from the photodiode into a measurable voltage. #### 3. EEPROM and Control Logic The module contains a small memory chip (EEPROM) that stores "Vital Product Data" (VPD). * **Identification:** Stores the manufacturer name, serial number, and part number. * **I2C Interface:** Communicates with the host system for Digital Optical Monitoring (DOM) if supported (temperature, voltage, and power levels). #### 4. Gold Finger Pins The electrical interface at the back of the module consists of 20 pins that provide: * Differential high-speed transmit/receive pairs (TD+/-, RD+/-). * Power (Vcc) and Ground (Vee). * Control signals (TX_Fault, TX_Disable, MOD_ABS). --- ### Applications * **Enterprise Networking:** Connecting core switches to distribution switches. * **Data Centers:** High-speed server-to-switch links within a single rack. * **Telecommunications:** Gigabit Ethernet backhaul.
    ✨ Follow-up Questions
    • ⤷ Is the W2CA-512-R2 compatible with Cisco or Juniper hardware?
    • ⤷ Does this specific model support Digital Optical Monitoring (DOM)?
    • ⤷ What is the difference between the R2 revision and previous versions of this module?