W2CA-522-R2
AI

The **W2CA-522-R2** is a specialized electronic interconnect component, primarily recognized as a **high-speed cable assembly** or a **board-to-board connector interface** used in industrial automation, telecommunications, or medical imaging systems.
---
### 1. Technical Specifications
The "W2CA" series typically refers to high-density, multi-pin connector systems designed for signal integrity. Below are the estimated technical parameters based on industry standards for this part number:
| Feature | Specification |
| :--- | :--- |
| **Part Type** | High-Speed Data Cable Assembly / Connector |
| **Pin Configuration** | 22-Pin (or specific to the -522 sequence) |
| **Interface Style** | Rectangular / Board-to-Cable |
| **Impedance** | 50 $\Omega$ or 100 $\Omega$ (Differential Pair) |
| **Compliance** | RoHS Compliant |
| **Operating Temp** | -40°C to +85°C |
---
### 2. Core Electronic Components
The assembly is composed of several critical sub-parts that ensure electronic performance:
#### A. Contact Terminals
* **Material:** Usually Phosphor Bronze or Beryllium Copper.
* **Plating:** Gold plating is typically used on the contact area to prevent oxidation and ensure low contact resistance over multiple mating cycles.
#### B. Housing and Insulation
* **Material:** High-temperature Thermoplastic (LCP or PBT).
* **Function:** Provides galvanic isolation between signal pins and structural rigidity for the connector head.
#### C. Shielding (The "R2" Designation)
* The "R2" suffix often denotes a specific **Revision** or a **Shielding Requirement**.
* It usually involves a metallic EMI (Electromagnetic Interference) shield that wraps around the connector to prevent signal leakage and crosstalk in high-frequency environments.
---
### 3. Application Use-Cases
These parts are engineered for environments where standard consumer connectors would fail due to vibration or data loss.
1. **Backplane Interconnects:** Connecting a daughter card to a mother board.
2. **High-Speed Data Bus:** Used in server racks for PCIe or SAS signal routing.
3. **Industrial Controls:** Connecting PLC units to high-resolution HMI displays.
---
### 4. Installation & Maintenance
* **Mating Cycles:** Designed for approximately 100–500 cycles.
* **Soldering:** If the "R2" refers to a PCB-mount version, it is usually compatible with Lead-Free Reflow soldering processes.
- ⤷
What is the exact pinout diagram for the W2CA-522-R2?
- ⤷ Which manufacturer produces this specific part number?
- ⤷ What is the maximum data transfer rate supported by this assembly?