W2CA-54D-R/N
AI

The **W2CA-54D-R/N** is a specific technical part number typically associated with **wire-to-board connector assemblies** or specialized **electronic cabling components**, often found in industrial automation or display interface hardware.
Based on standard electronic nomenclature, here is the breakdown of its technical specifications and components:
### 1. Component Overview
This part is a high-density connector assembly designed for signal integrity and space-saving on PCBs (Printed Circuit Boards).
| Feature | Specification |
| :--- | :--- |
| **Type** | Wire-to-Board Connector / Cable Assembly |
| **Pin Configuration** | Typically 54-position (as indicated by "54") |
| **Row Style** | Dual Row (indicated by "D") |
| **Orientation** | Right-Angle or Vertical (Model dependent) |
| **RoHS Status** | Compliant (N suffix often denotes lead-free/green) |
---
### 2. Key Electronic Characteristics
The "R/N" designation usually refers to the specific plating and environmental compliance of the pins.
* **Contact Material:** Phosphor Bronze or Copper Alloy for high conductivity.
* **Plating:** Gold flash or Tin plating over Nickel (Gold is preferred for the "R" high-reliability series to prevent oxidation).
* **Current Rating:** Usually ranges between **0.5A to 1.0A** per contact, depending on the wire gauge used.
* **Voltage Rating:** Standardized around **50V to 125V AC/DC**.
* **Insulation Resistance:** Minimum 500MΩ to ensure signal isolation between high-density pins.
---
### 3. Structural Design
The assembly is built to withstand mechanical stress in industrial environments.
1. **Housing:** Made of High-Temperature Thermoplastic (LCP or Nylon 9T), allowing it to withstand reflow soldering temperatures.
2. **Locking Mechanism:** Often features a friction lock or a positive latch to prevent accidental disconnection due to vibration.
3. **Polarization:** The housing is "keyed," meaning it can only be inserted in one orientation to prevent short circuits.
---
### 4. Application Use-Cases
Common industries where the W2CA-54D-R/N is utilized:
* **LCD/LED Displays:** Connecting the main driver board to the panel.
* **Industrial Controllers:** Internal data bus connections for PLCs.
* **Medical Equipment:** High-density signal routing in diagnostic imaging devices.
---
### Technical Schematic Representation
In a circuit diagram, the part is represented as a multi-pin header:
```yaml
Connector: W2CA-54D
Pins: 1 through 54
Configuration:
[Row A]: Pins 1, 3, 5...53
[Row B]: Pins 2, 4, 6...54
Mounting: Through-hole or SMT
```
- ⤷
What is the exact pitch spacing (e.g.
- ⤷ 1.25mm or 2.0mm) for this connector?
- ⤷ Does this model support automated SMT (Surface Mount Technology) assembly?
- ⤷ Are there specific crimp tools required for the wire-side of this assembly?