W2CA-54D-R2
AI

The **W2CA-54D-R2** is a specialized power supply or DC-DC converter module typically associated with industrial computing and server hardware (often found in brands like Win-Tact or specifically used in Advantech/industrial rackmount systems).
Below is a breakdown of its electronic components and specifications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | Typically 36V - 72V DC (Telecom standard range) |
| **Output Voltage** | +5V, +12V, -12V, +3.3V, +5Vsb |
| **Total Power** | Approximately 300W - 400W (Model dependent) |
| **Form Factor** | 2U / Industrial Slim ATX |
| **Cooling** | Integrated 40mm or 60mm DC Fan |
---
### 2. Major Electronic Subsystems
The W2CA-54D-R2 is built using several distinct electronic stages to ensure stable power delivery:
#### A. Input Filtering & Protection
* **EMI Filter:** Uses a combination of inductors (chokes) and X/Y capacitors to prevent electromagnetic interference from leaking back into the DC source.
* **Inrush Current Limiter:** Typically utilizes thermistors to prevent a massive surge of current when the unit is first powered on.
* **Fuse:** A high-amperage ceramic fuse protects the internal circuitry from dead shorts.
#### B. DC-DC Conversion Stage
Unlike standard AC-DC units, this module uses a **Forward Converter** or **Half-Bridge** topology to step down the high-voltage DC (48V) to the lower voltages required by PC components.
* **Switching MOSFETs:** High-speed transistors that "chop" the input DC into a high-frequency square wave.
* **Main Transformer:** A ferrite-core transformer that provides galvanic isolation and steps down the voltage.
#### C. Secondary Rectification & Regulation
* **Schottky Diodes / Synchronous Rectifiers:** These convert the high-frequency AC from the transformer back into clean DC.
* **Filter Capacitors:** High-temperature electrolytic capacitors (usually rated for 105°C) smooth out the voltage ripple.
* **DC-DC Buck Converters:** Used for the +3.3V and +5V rails to ensure high efficiency and tight voltage regulation.
---
### 3. Connector Pinout (Typical Industrial ATX)
The unit features standard motherboard connectors but is powered by a DC terminal block:
1. **Input:** 3-pin Terminal Block (-, +, Ground).
2. **Output:**
* 20/24-pin ATX Main Power.
* 4-pin / 8-pin 12V CPU Power.
* 4-pin Molex for legacy peripherals.
* SATA power connectors.
---
### 4. Safety and Protection Circuits
The "R2" revision usually signifies an updated protection logic board involving:
* **OCP (Over Current Protection):** Shuts down if a rail draws too much current.
* **OVP (Over Voltage Protection):** Prevents damage to the motherboard if the internal regulator fails.
* **SCP (Short Circuit Protection):** Instantaneous shutdown in the event of a short.
- ⤷What are the specific dimensions of the W2CA-54D-R2 for mounting purposes?
- ⤷ Can this power supply be used with 110V/220V AC input via an adapter?
- ⤷ What is the MTBF (Mean Time Between Failures) for this industrial unit?