W2CA-5B1-R2
AI

The **W2CA-5B1-R2** is a specific part number belonging to the **W2CA series**, which consists of high-precision terminal relays or sockets often manufactured by companies like **OMRON**. These components are essential in industrial automation for interfacing between low-power control circuits (like PLCs) and high-power loads.
---
### 1. Technical Specifications Overview
Based on standard industry naming conventions for this series, the electronic characteristics are generally categorized as follows:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Terminal Relay / Relay Socket Assembly |
| **I/O Points** | Typically 5-point or similar modular configuration |
| **Coil Voltage** | Usually rated for 24VDC (Standard for PLC logic) |
| **Contact Rating** | 2A to 5A depending on the specific relay mounted |
| **Mounting Type** | DIN Rail Mounting |
| **Terminal Type** | Screw terminals or Push-in Plus terminals |
---
### 2. Key Electronic Components & Features
#### A. Internal Relay Units
The "R2" suffix often denotes the specific type of replaceable relay unit or the logic arrangement. These relays act as the physical switch, using an electromagnetic coil to open or close contacts.
#### B. Protection Circuitry
Most W2CA modules include built-in protection to ensure long-term reliability:
* **Varistors/Surge Absorbers:** To suppress back-EMF (Electromotive Force) when the relay coil is de-energized.
* **LED Indicators:** Visual status indicators to show which I/O point is currently active.
#### C. Interface Isolation
The device provides **Galvanic Isolation**. This means there is no direct electrical connection between the control side (the PLC) and the load side (the motor or valve), protecting sensitive electronics from power surges.
---
### 3. Application Use Cases
1. **PLC Output Expansion:** Used when a PLC’s internal relays are too weak to drive a large solenoid or motor.
2. **Signal Conditioning:** Converting a 24VDC control signal into a dry contact switch for a different voltage level (e.g., 110VAC).
3. **Maintenance Efficiency:** Because the relays are socket-mounted, a failed switch can be replaced without rewiring the entire terminal block.
---
### 4. Wiring Diagram Concept
```text
[ PLC Output ] ----> [ Coil Input (+) ]
[ Coil Input (-) ] ----> [ Common/GND ]
[ Load Power ] ----> [ Relay COM ]
[ Relay N.O. ] ----> [ Actual Device/Motor ]
```
- ⤷
What are the compatible replacement relay models for the W2CA series?
- ⤷ What is the difference between the R2 and R1 suffix in this part number?
- ⤷ Can this terminal relay be used with AC input voltages?