Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2CA-5BD-R2

  • AI
    The **W2CA-5BD-R2** is a specialized electronic component primarily categorized as an **Industrial I/O Relay Terminal or Connector Terminal Block**, typically manufactured by **Omron**. It serves as an interface between PLC (Programmable Logic Controller) outputs and field devices. --- ### 1. Key Technical Specifications The "W2CA" series is designed to simplify wiring and provide protection in automation control panels. | Feature | Specification | | :--- | :--- | | **Component Type** | Connector-Terminal Block Conversion Unit | | **Number of Points** | 32-Point / 16-Point (depending on specific configuration) | | **Mounting Type** | DIN Rail Mounting | | **Connection Method** | MIL Connector (Header) to Screw Terminals | | **Rated Voltage** | 24V DC (Standard for Industrial Control) | | **Internal Logic** | NPN or PNP compatibility (Model dependent) | --- ### 2. Internal Electronic Structure The "5BD-R2" suffix indicates specific internal circuit configurations: * **LED Indicators:** Typically includes integrated LEDs for visual status monitoring of each I/O point. * **Protection Circuits:** Often contains surge suppressors or diodes to prevent back-EMF from inductive loads (like solenoids or motors) from damaging the PLC. * **Commoning Tracks:** Internal copper busbars that group "Common" (COM) lines together to reduce the amount of wiring needed from the power supply. --- ### 3. Application and Usage This part acts as a "bridge" in a control cabinet: 1. **Input Side:** A ribbon cable with a MIL connector plugs into the PLC output module. 2. **Output Side:** Individual wires are screwed into the terminal block to connect to sensors, relays, or valves. 3. **Maintenance:** It allows for quick replacement of the PLC module by unplugging the connector without rewiring every individual terminal. --- ### 4. Wiring Diagram Representation In a schematic, the W2CA-5BD-R2 is represented as a breakout board: ```text [ PLC Module ] <--- Ribbon Cable ---> [ W2CA-5BD-R2 ] | +-- [ Terminal 1: Output 00 ] +-- [ Terminal 2: Output 01 ] +-- [ Terminal V+: 24V DC ] +-- [ Terminal V-: 0V DC ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MIL connector on this unit?
    • ⤷ Can this terminal block be used with both AC and DC voltages?
    • ⤷ What is the maximum current rating per point for the W2CA-5BD-R2?