W2CA-5BD-R2/N
AI

The **W2CA-5BD-R2/N** is a specific model of an **Industrial Limit Switch** (or standard safety/limit switch) typically manufactured by brands like **Omron**. These components are used to detect the presence or position of objects in automated machinery.
---
### 1. Component Overview
This part belongs to the **W-series** of heavy-duty or general-purpose limit switches. It is designed to convert mechanical motion into an electrical control signal.
### 2. Technical Specifications
| Feature | Specification |
|:---|:---|
| **Actuator Type** | Roller Lever (Adjustable or standard depending on sub-series) |
| **Contact Form** | SPDT (Single Pole, Double Throw) / 1NO + 1NC |
| **Electrical Rating** | Typically 10A at 125/250/480 VAC |
| **Environmental Protection** | IP67 (Waterproof and Dust-tight) |
| **Operating Temperature** | -10°C to +80°C (standard range) |
| **Connection Method** | G1/2 Conduit Entry (Standard wiring terminals) |
---
### 3. Key Electronic Parts & Construction
The internal mechanism of the W2CA-5BD-R2/N consists of several critical sub-assemblies:
* **The Switch Block:** This is the heart of the unit. It contains the electrical contacts (usually made of silver or gold-alloy) that open or close the circuit when the actuator is moved.
* **Built-in Basic Switch:** Inside the heavy-duty housing is a smaller, high-precision micro-switch. The "5BD" designation often refers to a specific contact gap or high-sensitivity configuration.
* **Actuator (Mechanical Interface):** The lever or plunger that physical objects hit. It translates linear or rotary force into the internal trigger movement.
* **Housing (Casting):** Usually made of die-cast aluminum, providing electromagnetic shielding and physical protection against oil and coolants.
---
### 4. Typical Applications
1. **Safety Interlocking:** Ensuring a machine guard is closed before power is applied.
2. **Position Detection:** Detecting when a conveyor belt tray has reached a specific point.
3. **End-of-Travel Sensing:** Stopping a motor when a mechanical arm reaches its maximum extension.
---
- ⤷What is the difference between the R2 and R1 versions of this switch?
- ⤷ Can this switch be used in high-temperature environments above 100°C?
- ⤷ What is the recommended wiring diagram for an NO/NC configuration?