W2CA-5C3-R/N
AI

The **W2CA-5C3-R/N** is a specialized electronic component, typically categorized as a **Limit Switch** or **Position Sensor** unit, often associated with Omron or similar industrial automation manufacturers. It is designed for high-precision detection in heavy-duty machinery.
### 1. General Specifications
The part number indicates a specific configuration of an actuator, housing, and contact mechanism.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Limit Switch / Position Switch |
| **Actuator Type** | Roller Lever (typically adjustable) |
| **Contact Form** | SPDT (Single Pole Double Throw) |
| **Switching Capacity** | 10A at 125/250 VAC |
| **Environmental Rating** | IP67 (Waterproof/Oil-tight) |
| **Terminal Type** | Screw Terminals |
---
### 2. Electronic Internal Construction
The "R/N" designation often refers to the specific wiring and resistance characteristics of the internal switch.
#### A. The Micro-Switch Core
Inside the rugged metal housing is a precision snap-action switch.
* **Mechanical Life:** Typically rated for 10 million operations.
* **Electrical Life:** Rated for 500,000 operations at full load.
* **Insulation Resistance:** 100 MΩ min. (at 500 VDC).
#### B. Contact Material
The contacts are usually made of **Silver (Ag)** or **Gold-clad Silver**, ensuring low contact resistance and preventing oxidation, which is critical for low-voltage signal circuits.
#### C. Protective Circuitry
The suffix "R" sometimes indicates the inclusion of a **built-in resistor** or an **LED indicator** for status monitoring:
* **Resistor:** Used to prevent leakage current issues or to provide a specific signal level to a PLC (Programmable Logic Controller).
* **Neon/LED Lamp:** Visual confirmation that the switch has been triggered.
---
### 3. Wiring Configuration
The device usually follows a standard 3-terminal wiring scheme:
| Terminal | Label | Function |
| :--- | :--- | :--- |
| **1** | COM | Common connection |
| **2** | NC | Normally Closed (Circuit broken when triggered) |
| **3** | NO | Normally Open (Circuit completed when triggered) |
---
### 4. Application Use Cases
Due to its robust construction, the W2CA-5C3-R/N is used in:
* **CNC Machinery:** For detecting the home position or travel limits of the axis.
* **Conveyor Systems:** To trigger sorting arms or stop the belt when an object is detected.
* **Automotive Plants:** Where oil, coolant, and metal shavings are present.
- ⤷
What are the specific torque requirements for mounting the W2CA-5C3-R/N actuator?
- ⤷ Can you provide a wiring diagram for connecting this switch to a 24V PLC input?
- ⤷ What is the difference between the R and N versions regarding the internal indicator lamp?