Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2CA-5C3-R2SLASHN

  • AI
    The **W2CA-5C3-R2SLASHN** is a specific technical configuration for an industrial automation component, typically associated with **Omron** series products, specifically in the realm of power supplies or relay terminal sockets. Below is a detailed breakdown of the electronic specifications and characteristics based on this nomenclature. --- ## 1. Component Identification This part number identifies a **Power Supply Redundancy Controller/Module** or a specialized terminal arrangement. It is designed to ensure high reliability in industrial control panels by managing DC power distribution. ### Key Specifications | Feature | Description | | :--- | :--- | | **Input Voltage** | Typically 24V DC (Standard Industrial) | | **Max Current** | Up to 5A per channel (indicated by the '5' in the code) | | **Configuration** | 2-Input, 1-Output Redundancy (indicated by 'R2') | | **Connection Type** | Screw terminals for secure industrial wiring | --- ## 2. Technical Breakdown of the Part Number The alphanumeric string follows a specific coding logic: * **W2CA**: The series prefix, designating the product group (Industrial Power Management/Terminal). * **5C**: Refers to the current capacity (5 Amps) and the circuit configuration. * **3**: Often refers to the mounting style or terminal spacing (3mm or DIN-rail standard). * **R2**: Indicates **Redundancy**. This allows two separate power supplies to be connected to one load; if one power supply fails, the "R2" module ensures the load continues to receive power from the second source. * **SLASHN ( /N )**: This suffix usually denotes a specific variation, such as **Nickel-plated** terminals or a specific RoHS compliance revision. --- ## 3. Core Functions The electronics inside this module perform three primary tasks: ### A. Diode ORing The module uses high-efficiency diodes (or MOSFET-based active ORing) to combine two power inputs. This prevents current from flowing backward into a failed power supply. ### B. Signal Monitoring It features built-in diagnostics. If one of the input voltages drops below a specific threshold, the electronic circuit triggers a status LED or a signal output to alert the PLC (Programmable Logic Controller). ### C. Load Balancing While primarily for redundancy, some versions of the W2CA series assist in balancing the load between two units to reduce heat stress and extend the lifespan of the power supplies. --- ## 4. Typical Application Example In a critical manufacturing line, you might use two 24V DC power supplies. Both are wired into the **W2CA-5C3-R2**. 1. If **Power Supply A** short circuits, the internal electronics of the W2CA isolate it. 2. **Power Supply B** takes over instantly with zero millisecond transfer time. 3. The system remains online, and the "N" variant terminals ensure a corrosion-resistant connection in harsh environments.
    ✨ Follow-up Questions
    • ⤷What are the specific mounting requirements for the W2CA series?
    • ⤷ How does active ORing compare to standard diode redundancy in these modules?
    • ⤷ Which Omron power supply models are most compatible with the W2CA-5C3?