W2CE-13C-R2/N
AI

The **W2CE-13C-R2/N** is a specific part number typically associated with high-precision industrial components, most commonly found in the catalog of **Omron** or similar industrial automation manufacturers. It generally refers to a specialized **Electronic Counter** or **Digital Tachometer** module.
Below is a breakdown of its core electronic characteristics and specifications.
---
### 1. Technical Specifications
The following table outlines the general electronic parameters for this class of device:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Digital Electronic Counter / Timer |
| **Input Type** | NPN / PNP (Selectable) |
| **Voltage Supply** | 100 to 240 VAC (Standard) |
| **Display Type** | 7-Segment LED (Red/Green) |
| **Max. Counting Speed** | 30 Hz to 5 kHz / 10 kHz (Configurable) |
| **Output Type** | Relay Contact (SPDT) or Transistor Output |
| **Degree of Protection** | IP66 (Front panel) |
---
### 2. Key Electronic Functions
This component serves several critical roles in an automated circuit:
* **Pulse Processing:** The device receives electronic pulses from sensors (like inductive proximity switches or rotary encoders) and translates them into a human-readable numeric value.
* **Signal Filtering:** It includes internal circuitry to filter out mechanical contact bounce or electronic noise that could cause "ghost" counts.
* **Memory Retention:** It typically features an internal **EEPROM** to retain count values even when the power supply is disconnected.
* **Logic Control:** The "R2" suffix often denotes a dual-relay output configuration, allowing the device to trigger external machinery once a specific count threshold is reached.
---
### 3. Connection Diagram (General Layout)
Industrial electronic parts of this type follow a standard terminal block layout:
```text
Terminal Function
----------------------------
1 - 2 Power Supply (L/N)
3 - 4 Relay Output 1 (N.O./N.C.)
5 - 6 Relay Output 2
7 Common (0V)
8 Input A (Pulse)
9 Input B (Reset/Gate)
10 12VDC Sensor Power Out
```
---
### 4. Application Use Cases
* **Production Lines:** Counting items passing on a conveyor belt.
* **Length Measurement:** Working with an encoder to measure the length of cable or fabric.
* **RPM Monitoring:** Acting as a tachometer to monitor the speed of a motor.
* **Batching:** Stopping a pump or motor once a specific volume or count is achieved.
- ⤷
What is the wiring difference between NPN and PNP inputs for this part?
- ⤷ How do I reset the counter value manually vs electronically?
- ⤷ What are the specific environmental ratings for the W2CE series?