W2CE-1BD-R/UL
AI

The **W2CE-1BD-R/UL** is a high-performance **AC Axial Fan** manufactured by **World Fans**. These fans are specifically designed for cooling electronic cabinets, server racks, and industrial machinery where high airflow and durability are required.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and mechanical characteristics of the W2CE-1BD-R/UL:
| Characteristic | Specification |
| :--- | :--- |
| **Input Voltage** | 115V AC |
| **Frequency** | 50 / 60 Hz |
| **Current Consumption** | ~0.25 A (Subject to load) |
| **Input Power** | ~20 - 30 Watts |
| **Speed (RPM)** | High Speed (approx. 2700 - 3100 RPM) |
| **Airflow Capacity** | ~100 - 110 CFM |
| **Bearing Type** | Dual Ball Bearing |
| **Safety Certification** | UL (Underwriters Laboratories) Recognized |
---
### 2. Electronic & Material Components
* **Motor Design:** It utilizes a **Shaded Pole Motor** or a **Permanent Split Capacitor (PSC)** design. These motors are brushless and induction-based, providing long-term reliability without the wear-and-tear of brushes.
* **Bearing System:** The "BD" in the suffix typically denotes **Ball Bearings**. Compared to sleeve bearings, ball bearings allow the fan to be mounted in any orientation (horizontal or vertical) and offer a significantly higher MTBF (Mean Time Between Failures).
* **Housing & Impeller:** The frame is usually made of **Die-cast Aluminum**, which acts as a heat sink for the motor, while the impeller (blades) is made of reinforced thermoplastic (PBT) to reduce weight and noise.
* **Termination:** Usually features lead wires or terminal lugs for direct connection to AC power sources.
* **Thermal Protection:** The "R" often signifies **Impedance Protection** or **Thermal Protection**, ensuring the motor does not catch fire or melt if the blades are accidentally locked (stalled).
---
### 3. Usage & Environmental Ratings
* **UL/cUL Listed:** The "/UL" suffix indicates it has passed rigorous safety standards for the North American market regarding electrical insulation and fire safety.
* **Operating Temperature:** Typically rated for operation between **-10°C to +70°C**.
* **Applications:**
* Industrial Control Panels.
* UPS (Uninterruptible Power Supplies).
* Telecommunication Racks.
* Medical Equipment.
---
### 4. Wiring Diagram (Conceptual)
Most 115V AC fans of this series use a simple two-wire connection:
```text
[ AC Source 115V ]
|
+----( Black / Lead 1 )----[ Fan Motor ]
|
+----( Black / Lead 2 )----[ Fan Motor ]
|
(Ground) --- (Green/Yellow attached to Metal Frame)
```
- ⤷
What is the exact noise level (dB) for the W2CE-1BD-R/UL?
- ⤷ Can this fan be used with a variable speed controller?
- ⤷ What are the physical dimensions (e.g.
- ⤷ 120mm x 120mm)?