W2CE-1DD-R2/Q
AI

The **W2CE-1DD-R2/Q** is a high-performance, single-output DC-DC converter module typically used in industrial and telecommunications applications. It belongs to a class of compact power conversion components designed for reliability and high efficiency.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics typically associated with this model:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | Wide range (e.g., 18V - 36V or 36V - 75V depending on sub-series) |
| **Output Voltage** | Regulated DC Output |
| **Form Factor** | Compact, PCB-mounted module |
| **Efficiency** | Up to 88% - 92% |
| **Isolation** | Input-to-Output Galvanic Isolation |
| **Cooling** | Convection or conduction cooled |
---
### 2. Functional Electronic Components
Inside the W2CE-1DD-R2/Q, several critical electronic parts work in harmony:
* **Switching Controller (IC):** The "brain" of the unit that uses Pulse Width Modulation (PWM) to regulate the output voltage.
* **Power MOSFETs:** High-speed transistors that switch the input current to convert energy through the transformer.
* **Isolation Transformer:** Provides magnetic coupling between the input and output circuits, ensuring electrical safety and noise reduction.
* **Schottky Rectifiers:** Used at the output stage to convert the AC signal from the transformer back into a stable DC voltage with minimal power loss.
* **Filtering Network:** A combination of Inductors and Capacitors (LC filters) designed to smooth out ripple and reduce electromagnetic interference (EMI).
---
### 3. Protection Features
The internal circuitry is designed with "fail-safe" components to protect both the module and the connected load:
1. **Over-Current Protection (OCP):** Shuts down or limits the output if the load draws too much current.
2. **Over-Voltage Protection (OVP):** Prevents the output voltage from exceeding safe limits in case of a feedback loop failure.
3. **Thermal Shutdown:** A temperature sensor integrated into the controller that disables the unit if it overheats.
4. **Under-Voltage Lockout (UVLO):** Ensures the converter only starts when the input voltage is high enough for stable operation.
---
### 4. Typical Applications
* **Distributed Power Architectures:** Powering individual PCB sub-sections from a main bus.
* **Telecommunications:** Reliable power for networking gear and base stations.
* **Industrial Controls:** Powering PLCs, sensors, and human-machine interfaces (HMIs).
- ⤷
What are the exact input and output voltage ratings for the R2/Q variant?
- ⤷ How does the 'Q' suffix in the part number affect its environmental specifications?
- ⤷ What is the recommended footprint for PCB mounting this module?