W2CE-513-R2/UL
AI

The **W2CE-513-R2/UL** is a specialized electrical component, typically categorized as a **Terminal Block Connector** or a specific type of **Power Distribution Terminal**. It is widely used in industrial control panels and automation systems to manage high-density wiring and power routing.
Below is a breakdown of its technical and electronic specifications.
---
### 1. Key Technical Specifications
The "UL" suffix indicates that the part is recognized by Underwriters Laboratories, ensuring it meets strict safety standards for North American industrial use.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Terminal Block / Interface Module |
| **Current Rating** | Generally 10A to 15A (Dependent on wire gauge) |
| **Voltage Rating** | 250V - 300V AC/DC |
| **Mounting Type** | DIN Rail (TS-35) or Panel Mount |
| **Termination Method** | Screw Clamp / Spring Clamp |
| **Approvals** | UL Recognized, CE, RoHS |
---
### 2. Physical Construction
The electronic and mechanical integrity of the W2CE-513-R2/UL relies on high-quality materials to prevent arcing and overheating.
* **Housing Material:** Polyamide (PA66) or equivalent flame-retardant plastic (UL94V-0 rated).
* **Conductive Elements:** High-grade copper alloy with tin or nickel plating to prevent oxidation and ensure low contact resistance.
* **Clamping Mechanism:** Steel alloy screws or stainless steel springs to maintain constant pressure on the conductor.
---
### 3. Electronic Functions
The "513" series often refers to specific pin configurations or internal bridge layouts.
1. **High-Density Wiring:** It allows multiple circuits to be terminated in a compact space without the risk of short-circuiting.
2. **Circuit Protection:** Many units in this series support the integration of jumpers or bridges to distribute common signals (like Ground or VCC) across multiple points.
3. **Vibration Resistance:** Designed for industrial environments where machinery vibration might otherwise loosen standard electrical connections.
---
### 4. Typical Applications
* **PLC I/O Wiring:** Connecting Programmable Logic Controller outputs to field devices.
* **Power Distribution:** Splitting a single power source into multiple branch circuits within a control cabinet.
* **Sensor Integration:** Serving as a central hub for multiple 2-wire or 3-wire sensors.
---
- ⤷
What is the maximum wire gauge supported by the W2CE-513-R2/UL?
- ⤷ Does this model support internal fusing for circuit protection?
- ⤷ Are there specific accessories like end-plates or jumpers required for this unit?