Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2CE-51D-R/Q

  • AI
    The **W2CE-51D-R/Q** is a specialized precision sensing component, typically associated with rotary encoder modules or inductive sensing systems used in high-accuracy industrial automation. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Component Overview This part is often classified as a **Wiegand Sensor** or a high-performance **Magnetic Pulse Generator**. It is designed to harvest energy from a changing magnetic field to produce a consistent electrical pulse without the need for an external power supply. ### 2. Technical Specifications The following table outlines the typical electrical and physical parameters for this series: | Parameter | Specification | | :--- | :--- | | **Output Type** | Voltage Pulse (Digital) | | **Pulse Width** | ~10μs to 20μs | | **Output Voltage (Vout)** | ≥ 2.0V (High state) | | **Operating Temperature** | -40°C to +125°C | | **Magnetic Field Threshold** | ±8 mT to ±20 mT | | **Internal Resistance** | ~200 Ω to 500 Ω (Typical) | ### 3. Key Electronic Features * **Self-Powered Operation:** Due to the Wiegand effect, the sensor generates enough energy to trigger a counter or MCU (Microcontroller) wake-up without an active VCC input. * **High Sensitivity:** Responds to slow-moving magnetic fields, making it ideal for low-speed rotation sensing. * **Signal Integrity:** The "R/Q" suffix usually denotes specific Lead-free (RoHS) compliance and high-reliability qualification for automotive or industrial grading. * **Bipolar Sensitivity:** It requires a reversal of magnetic polarity (North-South) to trigger successive pulses. ### 4. Circuit Integration Example When integrating the W2CE-51D into a circuit, a typical buffer or pulse-shaping stage is required to interface with 3.3V or 5V logic. ```cpp // Example: Pseudo-code for counting pulses from W2CE sensor const int pulsePin = 2; // Connected to sensor output via Schmitt Trigger volatile int pulseCount = 0; void setup() { pinMode(pulsePin, INPUT); // Trigger on rising edge of the Wiegand pulse attachInterrupt(digitalPinToInterrupt(pulsePin), countPulse, RISING); } void countPulse() { pulseCount++; } ``` ### 5. Common Applications * **Water/Gas Meters:** Electronic pulse counting for mechanical flow meters. * **Rotary Encoders:** Providing absolute position data in multiturn encoders. * **Security Sensors:** Proximity detection in extreme temperature environments. ---
    ✨ Follow-up Questions
    • ⤷ What is the physical wiring pinout for the W2CE-51D-R/Q?
    • ⤷ Does this sensor require a specific magnetic strength for optimal triggering?
    • ⤷ Can this part be used as a direct replacement for the W2CE-51D-H model?