W2CE-523-R2/N
AI

The **W2CE-523-R2/N** is a specific model of an **Industrial Ethernet Switch**, typically belonging to the **Westermo** series (specifically the Lynx or similar managed switch families). These devices are engineered for high reliability in harsh environments, such as substations, railways, and industrial automation.
---
### 1. Key Technical Specifications
The "W2CE" nomenclature often refers to the port configuration and the type of internal electronic switching fabric used.
| Feature | Specification Details |
| :--- | :--- |
| **Port Configuration** | Typically features 10 ports: 8 x 10/100Base-TX and 2 x SFP Fiber slots. |
| **Management** | Fully Managed (Layer 2 functionality). |
| **Operating Voltage** | Dual power inputs (Redundancy), usually 19–60 VDC. |
| **Operating Temp** | -40°C to +70°C (Industrial Grade). |
| **Enclosure** | IP40 rated metal housing for heat dissipation and EMI shielding. |
---
### 2. Core Electronic Components
The internal PCB of this unit is composed of high-grade industrial components designed to withstand electrical noise and extreme thermal cycling.
#### A. The Switching Engine (ASIC)
At the heart of the device is a **Layer 2 Managed Switch Controller**. This chip handles:
* **VLAN Tagging:** Logic for segregating traffic.
* **Packet Buffering:** High-speed RAM integrated into the chip to prevent data loss during traffic spikes.
* **MAC Address Table:** Hardware-based lookup table for fast frame forwarding.
#### B. SFP (Small Form-factor Pluggable) Interface
The "2CE" in the model name usually denotes the two Combo/SFP ports.
* **Electronic Function:** These use SERDES (Serializer/Deserializer) technology to convert parallel data from the ASIC into high-speed serial data for optical transceivers.
#### C. Power Circuitry (The "R2" Aspect)
The "R2" often signifies a hardware revision or specific redundancy features:
* **Isolation Transformers:** Protects the internal logic from surges on the Ethernet lines.
* **DC-DC Converters:** High-efficiency buck-boost converters that stabilize fluctuating industrial power supplies.
---
### 3. Connectivity Layout
```mermaid
graph LR
A[Power Input 1 & 2] --> B[Internal Power Regulator]
C[RJ45 Copper Ports] --> D[Ethernet PHY / Transformers]
D --> E[Switching ASIC]
F[SFP Fiber Slots] --> E
E --> G[Microprocessor for Management/UI]
```
---
### 4. Distinctive Features of the /N Variant
The **/N** suffix usually indicates a specific software or environmental certification:
1. **Network Security:** Enhanced firmware for SNMPv3, HTTPS, and SSH.
2. **Redundancy Protocols:** Support for **FRNT** (Fast Recovery Network Topology) and RSTP.
3. **Industrial Certifications:** Electronic shielding to meet EN 50121-4 (Railway trackside) or IEC 61850-3 (Substations).
---
- ⤷
What are the specific power consumption ratings for the W2CE-523-R2/N?
- ⤷ Does this model support Power over Ethernet (PoE) on the copper ports?
- ⤷ What is the difference between the R2 and R1 hardware revisions?