Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2CE-523-R2/UL

  • AI
    The **W2CE-523-R2/UL** is a specialized power management component, specifically a **Power Distribution Unit (PDU)** or a power strip assembly often used in industrial or server environments. It is manufactured by **Waber-by-Tripp Lite** (now part of Eaton). Below is a breakdown of its electronic specifications and features. --- ### 1. Technical Specifications This unit is designed for reliable power distribution in laboratory, workbench, or rack-mount settings. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 120V AC (Standard US) | | **Current Rating** | 15 Amps | | **Number of Outlets** | 2 Outlets (NEMA 5-15R) | | **Plug Type** | NEMA 5-15P (Right-Angle Plug) | | **Cord Length** | 6 Feet | | **Housing Material** | Heavy-duty Metal | | **Safety Certification** | UL Listed (Underwriters Laboratories) | --- ### 2. Key Electronic Components #### A. Internal Wiring and Bus Bars The unit uses high-gauge internal wiring (typically 14 AWG) to ensure it can handle a continuous 15A load without overheating. The metal housing provides a common ground path for safety. #### B. Circuit Protection The "R2" designation often implies a specific configuration or revision that includes: * **Integrated Circuit Breaker:** Most units in this series feature a 15A resettable thermal circuit breaker to prevent overloads. * **No Surge Suppression:** Unlike "Surge Protectors," this specific model is a **Power Tap**, meaning it does not contain MOV (Metal Oxide Varistor) components. This is preferred in industrial testing environments where surge components might interfere with sensitive measurements. #### C. The "UL" Designation The **UL** suffix indicates the device has been tested and certified under the **UL 1363** standard (Relocatable Power Taps). This ensures the insulation, grounding, and physical durability meet strict safety requirements for commercial use. --- ### 3. Usage Context | Application | Why it is used | | :--- | :--- | | **Industrial Benches** | The metal housing resists physical impact and high-heat environments. | | **Equipment Racks** | The small form factor (2 outlets) is ideal for localized power distribution where space is limited. | | **Healthcare/Lab** | Often used where reliable grounding is more critical than surge suppression. | --- ### 4. Implementation Example If you were to integrate this into a custom enclosure or rack, you would treat it as a passive power pass-through: ```markdown Input: 120VAC, 60Hz -> [Internal 15A Breaker] -> [Bus Bar] -> Output A & B (NEMA 5-15R) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between this model and the W2CE-523-R2-S (with surge protection)?
    • ⤷ Is this unit compatible with 220V international power standards?
    • ⤷ What are the mounting options for the metal housing on this unit?