Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2CE-543-R2/CE

  • AI
    The **W2CE-543-R2/CE** is a specialized industrial component typically associated with high-precision motion control systems, specifically serving as a **Brushless Servo Motor** (often part of the W-Series) manufactured by companies like **SANYO DENKI** or integrated into specialized automation equipment. --- ### 1. Technical Specifications Overview This part is engineered for high torque density and reliability in automated environments. | Feature | Specification (Typical) | | :--- | :--- | | **Motor Type** | AC Brushless Servo Motor | | **Input Voltage** | 200-230V AC (Standard) | | **Rated Output** | 400W - 750W (Series Dependent) | | **Feedback System** | Incremental or Absolute Encoder | | **Certification** | CE (European Conformity) | | **Revision Control** | R2 (Second Revision Hardware) | --- ### 2. Core Electronic Components The internal electronics of the W2CE-543-R2/CE are designed to handle rapid switching and precise feedback loops. #### A. Permanent Magnet Stator Uses high-grade rare-earth magnets (Neodymium) to provide a high magnetic flux density, allowing for a smaller physical footprint with high torque output. #### B. Encoder Assembly The "CE" designation often implies compliance with European safety and EMI standards, which includes shielded feedback wiring. * **Resolution:** High-resolution optical or magnetic sensing. * **Signal Type:** Differential line driver signals (A, B, Z phases) to minimize electronic noise. #### C. Winding Configuration The "543" designation refers to specific winding characteristics: * **Insulation Class:** Usually Class F (up to 155°C). * **Thermal Protection:** Integrated thermistors (PTC) or thermal switches to prevent coil burnout during stall conditions. --- ### 3. Wiring and Pinout Structure Standard industrial connectors are used to ensure IP65 or IP67 environmental protection. ```yaml Connection_Type: Circular Industrial Connector Pin_Functionality: - U: Phase U Power - V: Phase V Power - W: Phase W Power - FG: Frame Ground (Shield) - Brake: 24V DC (Optional if integrated) ``` --- ### 4. Application Context These parts are most commonly found in: 1. **CNC Machinery:** For precise axis positioning. 2. **Robotic Arms:** Serving as joint actuators. 3. **Semiconductor Manufacturing:** Where high-speed "Pick and Place" operations are required. ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible servo drive models for the W2CE-543-R2?
    • ⤷ Can you provide the torque-speed curve data for this specific motor?
    • ⤷ What are the common failure modes for the R2 revision of this hardware?