W2CE-5A3-R2/UL
AI

The **W2CE-5A3-R2/UL** is a specific model of an AC axial cooling fan, typically manufactured by companies like **Wintek** or similar industrial thermal solution providers. These fans are designed for heavy-duty cooling in industrial cabinets, server racks, and power supplies.
---
### 1. Technical Specifications
Below are the primary electronic and mechanical characteristics of the W2CE-5A3-R2/UL:
| Property | Specification |
| :--- | :--- |
| **Input Voltage** | 220V - 240V AC |
| **Frequency** | 50/60 Hz |
| **Current Consumption** | Approx. 0.22A - 0.25A |
| **Power Rating** | ~38W to 40W |
| **Speed (RPM)** | 2700 - 3000 RPM |
| **Bearing Type** | Dual Ball Bearing (Long life/High reliability) |
| **Safety Certification** | UL (Underwriters Laboratories) Recognized |
| **Termination** | Lead Wires (R2 indicates specific wiring/connector) |
---
### 2. Key Electronic Components
#### A. Shaded Pole or Capacitor-Run Motor
As an AC fan, it utilizes an induction motor. The "W2CE" series usually employs a permanent split capacitor or a shaded pole design to generate the starting torque necessary to rotate the blades using single-phase AC power.
#### B. Dual Ball Bearing System
The "R2" designation often refers to the internal bearing structure. Dual ball bearings are superior to sleeve bearings because:
* They can operate at higher temperatures.
* They support both horizontal and vertical mounting.
* They offer a significantly higher MTBF (Mean Time Between Failures), often exceeding 50,000 hours.
#### C. Thermal Protection
The motor includes **impedance protection** or a thermal cutout. If the fan blades are obstructed (Locked Rotor), the electronic impedance of the windings prevents the motor from overheating and catching fire.
#### D. Die-Cast Aluminum Housing
While not "electronic," the frame acts as a massive heat sink for the motor windings, ensuring that the heat generated by the electrical resistance is dissipated efficiently.
---
### 3. Part Number Breakdown (Typical)
* **W2CE**: Series identifier (usually 120mm x 120mm x 38mm frame size).
* **5A**: Indicates the voltage class (220/240V AC).
* **3**: Speed code (High Speed).
* **R2**: Revision code or specific bearing/wiring configuration.
* **UL**: Certified for safety standards in the US and Canada.
---
### 4. Application Use Cases
1. **Industrial Control Panels:** Moving stagnant air out of sealed electrical boxes.
2. **Server Enclosures:** Providing high-pressure airflow to cool dense electronics.
3. **Power Inverters:** Cooling large transformers and MOSFET heatsinks.
- ⤷
What is the difference between ball bearings and sleeve bearings in AC fans?
- ⤷ How do I wire a 220V AC fan if it has three wires instead of two?
- ⤷ What are the CFM (airflow) ratings for the W2CE series?