AI

The **W2CE-5C1-R2/Q** is a specific variant of an industrial-grade **AC Axial Fan**, typically manufactured by brands like **Fulltech** or similar industrial cooling solution providers. These fans are designed for high-performance cooling in server racks, control cabinets, and industrial machinery.
Below is a breakdown of its electronic and physical specifications.
---
## 1. Technical Specifications
The "W2CE" series represents a standard 120mm x 120mm x 38mm form factor, which is the industry standard for high-airflow cooling.
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 230V AC (typically 220V–240V range) |
| **Frequency** | 50 / 60 Hz |
| **Current / Power** | ~0.14A / 20W - 30W (varies by load) |
| **Speed** | 2600 – 3000 RPM |
| **Airflow** | ~90 – 105 CFM (Cubic Feet per Minute) |
| **Noise Level** | 40 – 48 dB(A) |
| **Bearing Type** | Dual Ball Bearing |
| **Connection** | Terminals or Lead Wires (R2/Q usually denotes Terminal) |
---
## 2. Key Electronic Components
### A. The Shaded Pole Motor
The fan utilizes an **AC Induction Motor**, specifically a "Shaded Pole" design.
* **Self-Starting:** It does not require a start capacitor, making the internal circuitry simpler and more robust against heat.
* **Impedance Protection:** The motor is "Impedance Protected" (often labeled as **Z.P.**). This means the motor is designed so that if the blades are blocked (stalled), the internal resistance prevents the coils from burning out immediately.
### B. Bearing System (Dual Ball)
The "2B" or "Ball" designation implies a high-quality mechanical assembly.
* **Longevity:** Rated for approximately 50,000 to 70,000 hours of continuous use.
* **Mounting:** Can be mounted in any orientation (horizontal, vertical, or angled) without affecting the lifespan, unlike sleeve bearings.
### C. Housing and Insulation
* **Frame:** Typically Die-cast Aluminum (painted black) for heat dissipation and EMI shielding.
* **Impeller:** Reinforced plastic (PBT) or metal, UL 94V-0 rated for flame retardancy.
* **Dielectric Strength:** Usually tested to withstand 1500V AC for 1 minute between the frame and the terminals.
---
## 3. Part Number Suffix Decoding
While coding varies by manufacturer, the **R2/Q** suffix generally refers to:
* **R2:** Often indicates a specific revision or a high-speed (High RPM) winding configuration.
* **Q:** Often stands for **Quick-connect terminals** (metal tabs) rather than pre-stripped lead wires. This allows for easier maintenance and modular wiring in industrial panels.
---
## 4. Usage Considerations
* **Environment:** Rated for temperatures between -20°C to +70°C.
* **Safety Standards:** Usually carries UL, CE, and TUV certifications.
* **Application:** Best suited for power supplies, welding machines, and telecommunications enclosures where 230V mains power is readily available.
- ⤷
What is the difference between impedance protection and thermal protection in these fans?
- ⤷ Can this fan be controlled by a variable frequency drive (VFD)?
- ⤷ How does the CFM rating change when operating at 50Hz versus 60Hz?