W2CE-5D2-R2/CE
AI

The **W2CE-5D2-R2/CE** is a high-performance **Step-Servo (Closed-Loop Stepper) Motor** manufactured by **MOONS' Industries**. It belongs to the W-Series, which integrates a high-resolution encoder with a stepper motor to provide the precision of a servo system with the high torque of a stepper.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Motor Type** | 2-Phase Closed-Loop Stepper (Step-Servo) |
| **Frame Size** | NEMA 11 (28 mm) |
| **Encoder Resolution** | 20000 counts/revolution (High Resolution) |
| **Current Type** | DC (Direct Current) |
| **Holding Torque** | Approx. 0.12 Nm (17 oz-in) - *varies by stack length* |
| **Connector Type** | R2 (Right-angle specialized connector) |
| **Certification** | CE (European Conformity) |
---
### 2. Electronic Component Breakdown
#### A. Integrated Encoder (The "Closed-Loop" Part)
Unlike standard steppers that run "open-loop" (where the controller doesn't know if the motor actually moved), this motor features an internal magnetic or optical encoder.
* **Feedback Loop:** Constantly monitors the shaft position.
* **Stall Elimination:** If the motor meets resistance, the electronics compensate to prevent "lost steps."
* **Efficiency:** The current is adjusted based on the load, meaning the motor runs cooler and quieter than traditional steppers.
#### B. Winding and Phase Configuration
* **2-Phase Bi-polar:** Designed to be driven by a specialized Step-Servo driver (such as the MOONS' SS series).
* **Low Inductance:** Optimized for high-speed performance and rapid acceleration.
#### C. Connectivity (R2 Designation)
* **Electronic Interface:** The "R2" suffix typically denotes a specific wiring exit and connector style. This ensures a secure, noise-resistant connection for both the power leads and the sensitive encoder feedback signals.
---
### 3. Functional Advantages
* **No Tuning Required:** Unlike traditional AC Servos, the W2CE series is generally "ready to go" with minimal PID tuning.
* **High Torque at Low Speed:** Maintains the inherent strength of a stepper motor while gaining the reliability of a servo.
* **Compact Footprint:** The NEMA 11 size makes it ideal for medical devices, lab automation, and small-scale robotics.
---
### 4. Wiring Diagram Concept (Generic)
```markdown
[ Driver ] <------ Shielded Cable ------> [ W2CE Motor ]
| |
|-- (A+/A-) Phase Power ------------------|
|-- (B+/B-) Phase Power ------------------|
|-- (Vcc/GND) Encoder Power --------------|
|-- (A/B/Z) Encoder Signals --------------|
```
- ⤷
What are the compatible MOONS' drivers for the W2CE series?
- ⤷ How does the 'Closed-Loop' system prevent motor stalling?
- ⤷ What is the difference between the R2 and standard R1 connector types?