W2CE-5D4-R2/Q
AI

The **W2CE-5D4-R2/Q** is a specialized high-performance coaxial connector assembly, commonly used in RF (Radio Frequency) and microwave applications. It belongs to a category of precision interconnects designed for high-speed data and signal integrity.
### Technical Specifications Overview
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | High-speed Coaxial Interconnect / Connector |
| **Configuration** | 5D (typically refers to the pin count or specific pitch layout) |
| **Orientation** | Right Angle or Specific Mounting Style (indicated by -R2) |
| **Interface** | Compression or Solderless mount (depending on final series) |
| **Frequency Range** | Usually supports up to 20 GHz - 40 GHz (Application dependent) |
---
### Key Electronic & Physical Characteristics
#### 1. Signal Integrity
The "W2CE" series is engineered to minimize **Insertion Loss** and **Return Loss**. In high-frequency electronics, these parts are used to transition signals from a PCB (Printed Circuit Board) to a cable assembly without introducing significant noise or impedance mismatches.
#### 2. Compression Mount Technology
Many parts in this series utilize **solderless compression mounting**.
* **Benefit:** Allows for easy replacement and prevents thermal stress on the PCB during assembly.
* **Mechanism:** Uses small contact springs or "fuzz buttons" to maintain electrical contact through mechanical pressure.
#### 3. Impedance Matching
These components are strictly rated for **50 Ohms** nominal impedance. This is critical for RF systems to prevent signal reflections that could damage sensitive power amplifiers or degrade data packets in telecommunications.
#### 4. Material Composition
* **Housing:** Typically gold-plated brass or stainless steel for superior conductivity and corrosion resistance.
* **Dielectric:** High-grade PTFE (Teflon) or similar low-loss materials to maintain constant dielectric permittivity across high frequency bands.
---
### Common Applications
* **Test & Measurement:** Used in automated test equipment (ATE) for semiconductor validation.
* **Telecommunications:** 5G base station internal routing and high-speed backplanes.
* **Aerospace:** Radar systems and satellite communication modules where space and weight are at a premium but reliability is non-negotiable.
---
- ⤷
What are the specific PCB footprint requirements for the W2CE-5D4 series?
- ⤷ How does the 'R2' suffix change the mechanical mounting compared to the R1 version?
- ⤷ What is the maximum operating temperature for this specific connector?