W2DY-2412-R2SLASHN
AI

The **W2DY-2412-R2/N** (often stylized as W2DY-2412-R2/N) is a high-performance **Isolated DC-DC Converter** module. These components are essential in industrial and telecommunications applications where stable, regulated voltage is required from a fluctuating power source.
---
### 1. Technical Specifications
Based on the nomenclature typical for this series, here are the primary electrical characteristics:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Input Voltage Range** | 18V - 36V DC | Designed for 24V nominal systems. |
| **Output Voltage** | 12V DC | Fixed regulated output. |
| **Output Power** | ~2W to 3W | Typically low power for signal isolation. |
| **Isolation Voltage** | 1500V DC | Protects the load from input spikes. |
| **Package Style** | SIP/DIP | Through-hole mounting. |
| **Efficiency** | 80% - 85% | Minimizes heat dissipation. |
---
### 2. Breakdown of the Model Number
The alphanumeric code provides specific details about the component's internal architecture:
* **W2D**: Often refers to a Wide input range (2:1 ratio) Dual/Single output series.
* **24**: Represents the Nominal Input Voltage (**24V**).
* **12**: Represents the Regulated Output Voltage (**12V**).
* **R2**: Refers to the revision of the internal circuit design or enhanced regulation.
* **SLASHN (/N)**: Usually indicates a specific packaging type (e.g., Tube) or a negative logic/protection feature.
---
### 3. Key Electronic Functions
The module utilizes several internal stages to manage power:
1. **Input Filtering:** Uses capacitors and inductors to reduce "Reflected Ripple Current" back to the main power supply.
2. **Switching Stage:** A high-frequency MOSFET oscillator converts DC into high-frequency AC.
3. **Isolation Transformer:** Provides a physical barrier between input and output, preventing ground loops.
4. **Rectification & Smoothing:** Converts AC back to stable 12V DC using Schottky diodes and output capacitors.
5. **Regulation Loop:** Ensures the 12V stays constant even if the input fluctuates between 18V and 36V.
---
### 4. Typical Applications
* **Industrial Control:** Providing clean power to sensors on a noisy 24V factory rail.
* **Communication Equipment:** Isolating data lines from power surges.
* **Distributed Power Architectures:** Where localized 12V is needed from a 24V bus.
---
- ⤷
What are the pinout configurations for the W2DY-2412-R2/N?
- ⤷ Does this model include short-circuit protection?
- ⤷ What is the maximum operating temperature for this DC-DC converter?