W2DY-2412-R2SLASHQ
AI

The **W2DY-2412-R2/Q** is a high-performance, isolated DC-DC converter module typically used in industrial and automotive applications. It is designed to convert a 24V DC input into a regulated 12V DC output with high efficiency and reliability.
---
### 1. Key Technical Specifications
The following table outlines the core electronic parameters of the component:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 18V – 36V DC (Nominal 24V) |
| **Output Voltage** | 12V DC |
| **Output Current** | 2.1A (Typical) |
| **Efficiency** | ~85% - 90% |
| **Isolation Voltage** | 1500V DC (Input to Output) |
| **Form Factor** | Compact DIP or Chassis Mount (Depending on housing) |
| **Protections** | Short Circuit, Over-current, Over-voltage |
---
### 2. Internal Electronic Architecture
The device functions as a **Switch-Mode Power Supply (SMPS)**. Its internal operation can be broken down into these stages:
1. **Input Filtering:** Uses capacitors and inductors (LC filters) to suppress Electromagnetic Interference (EMI) and handle input voltage ripples.
2. **PWM Controller:** A Pulse Width Modulation (PWM) IC regulates the duty cycle to maintain a steady 12V output regardless of input fluctuations.
3. **Isolation Transformer:** Provides electrical separation between the input and output circuits, ensuring safety and preventing ground loops.
4. **Rectification & Smoothing:** High-speed Schottky diodes and output capacitors convert the high-frequency AC from the transformer back into clean DC.
---
### 3. Application Use Cases
The suffix **/Q** often denotes **Automotive-grade** or specific qualification testing (like AEC-Q100 standards), making it suitable for:
* **Industrial Automation:** Powering 12V sensors from a 24V PLC rail.
* **Telecommunications:** Voltage stabilization for networking gear.
* **Automotive Systems:** Converting truck/bus battery voltages (24V) to run 12V infotainment or GPS systems.
---
### 4. Implementation Example (Schematic Logic)
Below is a conceptual representation of how to integrate this part into a circuit:
```cpp
// Logic for an MCU monitoring the Converter Output
const int voltagePin = A0;
float vout = 0.0;
void setup() {
Serial.begin(9600);
}
void loop() {
int raw = analogRead(voltagePin);
vout = (raw * 5.0 / 1023.0) * 3.0; // Assuming a voltage divider for 12V -> 5V
if (vout < 11.0) {
Serial.println("Warning: Low Voltage Output");
}
delay(1000);
}
```
- ⤷What are the pinout configurations for the W2DY series?
- ⤷ Does this model support parallel operation for higher current?
- ⤷ What is the operating temperature range for the /Q variant?