Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2DY-2441-R

  • AI
    The **W2DY-2441-R** is a specific electronic component, primarily identified as a high-performance **RF (Radio Frequency) Bandpass Filter**. These components are critical in wireless communication systems to ensure signal integrity by allowing specific frequencies to pass while attenuating (blocking) unwanted noise or interference. --- ### 1. Key Technical Specifications The "2441" in the part number typically refers to its center frequency (2441 MHz), which is standard for Bluetooth and Wi-Fi applications. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Dielectric Bandpass Filter | | **Center Frequency ($f_c$)** | 2441 MHz | | **Passband Range** | ~2400 MHz to 2483.5 MHz (ISM Band) | | **Insertion Loss** | Low (typically < 2.5 dB) | | **Impedance** | 50 Ohms | | **Package Type** | Surface Mount Device (SMD) | | **Material** | Ceramic Dielectric | --- ### 2. Functional Role in a Circuit The W2DY-2441-R acts as a "gatekeeper" for radio signals. Its main electronic functions include: * **Frequency Selection:** It allows the 2.4 GHz ISM band signals to pass through to the antenna or receiver with minimal loss. * **Harmonic Suppression:** It filters out the second and third harmonics generated by power amplifiers that could cause regulatory non-compliance. * **Noise Reduction:** It protects the Receiver ($Rx$) chain from out-of-band interference, such as cellular signals (LTE/5G) or other industrial noise. --- ### 3. Common Applications Due to its tuning to the 2441 MHz center frequency, it is most commonly found in: 1. **Bluetooth Devices:** Bluetooth operates across 79 channels centered around this range. 2. **WLAN / Wi-Fi (802.11 b/g/n):** Ensuring clean data transmission in the 2.4 GHz spectrum. 3. **ZigBee & IoT:** Low-power wireless sensor networks. 4. **ISM Band Equipment:** Medical or industrial equipment using short-range wireless telemetry. --- ### 4. Component Layout Example In a standard RF front-end design, the placement of this part usually follows this logic: ```mermaid graph LR A[Antenna] --> B[W2DY-2441-R Filter] B --> C[LNA / Transceiver] C --> D[Microcontroller] ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific dimensions of the SMD footprint for the W2DY-2441-R?
    • ⤷ How does the insertion loss of this filter affect the overall battery life of a mobile device?
    • ⤷ Can this filter be used for 5GHz Wi-Fi applications
    • ⤷ or is it strictly for 2.4GHz?