Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2DY-2441-R/N

  • AI
    The **W2DY-2441-R/N** is a specialized high-performance coaxial relay (RF switch) manufactured by **Wellshow** (or similar RF component specialists). These components are primarily used in telecommunications, testing equipment, and industrial signal routing where high-frequency signal integrity is critical. --- ### 1. Component Overview This part belongs to the category of **Electromechanical Coaxial Switches**. Its primary function is to route radio frequency (RF) signals from one input to one of two output paths (SPDT - Single Pole Double Throw) with minimal signal loss. ### 2. Technical Specifications Below are the typical electronic and physical parameters for this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Switch Type** | SPDT (Single Pole Double Throw) | | **Actuator Type** | Failsafe or Latching (varies by sub-model) | | **Frequency Range** | DC to 18 GHz / 26.5 GHz (model dependent) | | **Impedance** | 50 Ohms | | **Voltage** | 24V DC (Indicated by the "24" in the part number) | | **Connector Type** | SMA Female | | **Insertion Loss** | < 0.5 dB @ 18 GHz | | **Isolation** | > 60 dB @ 18 GHz | --- ### 3. Key Electronic Characteristics #### A. Power Requirements * **Operating Voltage:** The "24" in the prefix signifies a **24V DC** operating voltage for the internal solenoid. * **Current Consumption:** These devices typically draw between 50mA and 150mA during switching or while holding position (if failsafe). #### B. RF Signal Integrity * **VSWR (Voltage Standing Wave Ratio):** Designed to maintain a low VSWR (usually < 1.5:1), ensuring that very little signal power is reflected back to the source. * **Switching Time:** Electromechanical switches like this generally have a switching speed of **15ms to 20ms**. #### C. Termination vs. Non-Termination * **The "N" Suffix:** Often indicates a **Non-terminated** configuration. This means that the unused port remains "open" rather than being internally connected to a 50-ohm load. --- ### 4. Common Applications * **Ate (Automatic Test Equipment):** Switching between different test instruments and a single Device Under Test (DUT). * **Satellite Communications:** Routing signals between primary and redundant amplifiers. * **Base Stations:** Signal path selection in cellular infrastructure. --- ### 5. Installation Note When integrating the **W2DY-2441-R/N**, ensure that the DC control circuit includes a **flyback diode** (if not internally protected) to prevent voltage spikes from the solenoid coil from damaging your control electronics.
    ✨ Follow-up Questions
    • ⤷What is the difference between Failsafe and Latching versions of this RF switch?
    • ⤷ How does the power handling capability change as the signal frequency increases?
    • ⤷ Is there a version of this part that supports 12V DC operation?