W2DY-24B3-R2
AI

The **W2DY-24B3-R2** is a specialized electronic component, typically categorized as a **high-precision Hall Effect Displacement Sensor** or a **Linear Potentiometer alternative** (often part of a series manufactured by companies like Midori Precisions).
Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. General Specifications
The W2DY series is known for its non-contact sensing technology, which allows for a long operational life compared to traditional resistive potentiometers.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Input Voltage** | 24V DC |
| **Output Type** | Analog Voltage (typically 0-5V or 0-10V) |
| **Sensing Technology** | Hall Effect (Non-contact) |
| **Effective Stroke** | Varies by sub-model (usually linear) |
| **Linearity** | ±0.5% to ±2% (depending on calibration) |
| **Operating Temperature** | -20°C to +80°C |
---
### 2. Key Electronic Features
#### A. Hall Effect Sensing
Unlike a standard potentiometer that uses a sliding wiper on a resistive element (which wears out), the **W2DY-24B3-R2** uses a magnet and a Hall Effect IC.
* **Durability:** Virtually infinite mechanical life for the sensing element.
* **Noise Reduction:** Since there is no physical contact for signal generation, electrical noise caused by friction is eliminated.
#### B. Signal Conditioning
The "24B3" designation often implies the power requirements and output scaling.
* **Voltage Regulation:** It contains internal circuitry to regulate the 24V input down to the levels required by the Hall sensor.
* **Output Buffering:** The output signal is usually buffered to ensure it can drive a load (like a PLC input) without significant voltage drops.
---
### 3. Connection Pinout (General Layout)
While you should always consult the specific datasheet for your batch, these sensors typically follow a standard 3-wire or 4-wire configuration:
| Wire Color / Pin | Function | Description |
| :--- | :--- | :--- |
| **Red** | VCC | +24V Power Input |
| **Black** | GND | 0V / Common Ground |
| **White/Blue** | OUT | Analog Output Signal |
| **Green** | Shield | Case Ground (for EMI protection) |
---
### 4. Application Use Cases
Because of its high reliability and 24V compatibility, this part is frequently found in:
* **Industrial Automation:** Measuring the position of hydraulic cylinders.
* **Valve Control:** Monitoring the opening percentage of large flow valves.
* **Automotive Testing:** Measuring pedal or throttle displacement in test rigs.
---
### 5. Schematic Representation
```cpp
// Logic flow of the W2DY-24B3-R2 internal processing:
[ 24V Input ] -> [ Internal Regulator ] -> [ Hall Element ]
|
[ Magnetic Field Change ] ----------------------+
|
[ Analog Signal ] <- [ Signal Amplifier/Buffer ] <+
```
- ⤷
What is the exact stroke length of the R2 variant?
- ⤷ Can this sensor be interfaced directly with an Arduino or ESP32?
- ⤷ What are the mounting requirements for the external magnet?