Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2DY-24CD-R2/CE

  • AI
    ## Overview of W2DY-24CD-R2/CE The **W2DY-24CD-R2/CE** is a specialized interface terminal unit, typically manufactured by **Omron**. It functions as a relay terminal block designed to bridge the gap between a controller (like a PLC) and field devices, providing signal isolation and power distribution. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage** | 24 VDC | | **Output Type** | Relay Outputs | | **Number of Points** | 24 Channels/Points | | **Connector Type** | MIL Connector (Flat Cable) | | **Terminal Block** | Screw-less or M3 Screw terminals (varies by sub-series) | | **Mounting** | DIN Rail | | **Certification** | CE Marked | --- ### Electronic Components & Functional Parts #### 1. Input Interface (MIL Connector) The unit features a high-density **MIL connector**. This allows for a "one-touch" connection to the PLC using a pre-wired ribbon cable. This reduces wiring errors and assembly time significantly compared to individual wire runs. #### 2. Relay Array The core of the device consists of **24 individual electromechanical relays**. * **Isolation:** These relays provide galvanic isolation between the low-voltage control logic (PLC) and the higher-power load side. * **Switching:** They act as switches to turn motors, valves, or lamps on and off. * **Replaceability:** In many models of this series, the relays are socketed, allowing for easy replacement if a contact wears out. #### 3. Protection Circuitry * **Surge Suppression:** Built-in diodes or varistors are typically included to protect the internal circuitry from "flyback" voltage generated when inductive loads (like solenoids) are turned off. * **Reverse Polarity Protection:** Prevents damage if the 24VDC power supply is connected backwards. #### 4. Visual Indicators (LEDs) Each of the 24 channels is equipped with a **Status LED**. * **Green/Yellow LED:** Illuminates when the specific input signal is active and the corresponding relay is energized. * **Power LED:** Indicates that the 24VDC logic power is present. #### 5. Output Terminals The field side features robust terminals for connecting the actual equipment. These are organized to separate the Common (COM) lines, making it easier to wire multiple loads sharing the same power source. --- ### Usage Scenario Example If you are using a Python-based industrial controller via a gateway to trigger these relays, the logic flow looks like this: ```python # Conceptual logic for triggering a channel on the W2DY unit def trigger_relay(channel_id, state): if state == "ON": # Signal sent through MIL connector to W2DY send_signal_to_plc_output(channel_id, 1) print(f"Relay {channel_id} energized: LED ON") else: send_signal_to_plc_output(channel_id, 0) print(f"Relay {channel_id} de-energized: LED OFF") ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current per relay for this model?
    • ⤷ Can the relays in the W2DY-24CD-R2/CE be replaced individually if they fail?
    • ⤷ What type of cable is required to connect this unit to an Omron CJ1 or NX series PLC?