Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2DY-24D4-R/N

  • AI
    The **W2DY-24D4-R/N** is a specific model of a **Slim Power Relay** (often associated with industrial interface modules like those from IDEC or similar manufacturers). These components are designed for high-density mounting on DIN rails, typically used to interface between a PLC (Programmable Logic Controller) and field devices. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Relay Type** | Electromechanical / Slim Power Relay | | **Coil Voltage** | 24V DC | | **Contact Form** | DPDT (2 Form C) | | **Mounting Style** | DIN Rail / Socket Mount | | **Switching Capacity** | Typically 3A to 5A (model dependent) | | **Terminal Type** | Screw or Push-in (Interface module) | --- ### 2. Breakdown of the Part Number The alphanumeric code provides specific information about the internal electronic configuration: 1. **W2DY**: Refers to the series family (Double-pole, Slim-style relay module). 2. **24**: Indicates the **Coil Voltage** required to actuate the relay (24V DC). 3. **D4**: Generally indicates the contact configuration (Double Pole Double Throw). 4. **R / N**: * **R**: Often indicates a Red LED indicator (Status indicator for the coil). * **N**: Often indicates the presence of a protection diode (Flyback diode) to prevent back-EMF from damaging the PLC output. --- ### 3. Key Electronic Components Inside The "R/N" variants contain specific circuitry to ensure industrial reliability: * **Electromagnetic Coil:** When 24V DC is applied, it creates a magnetic field to move the internal armature. * **Indication LED:** A low-power LED (usually Red) wired in parallel with the coil to show when the relay is energized. * **Protection Diode:** A diode placed across the coil to suppress voltage spikes (back-EMF) that occur when the relay is de-energized. * **Mechanical Contacts:** Silver alloy contacts designed to handle switching loads without excessive arcing. --- ### 4. Application Use Cases * **PLC Interfacing:** Using a low-current PLC output to switch a higher-current load (solenoids, motors, lights). * **Galvanic Isolation:** Electrically separating the sensitive control electronics from the noisy power side of a machine. * **Signal Multiplication:** Using one input signal to switch two independent circuits (due to the DPDT configuration). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the W2DY series contacts?
    • ⤷ Does this model support AC voltage for the coil?
    • ⤷ What are the dimensions of the slim socket used for this relay?