W2DY-24D4-R2/N
AI

The **W2DY-24D4-R2/N** is a specific model within the industrial relay or switching component category, typically associated with high-reliability power control. Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Technical Specifications Overview
This component is generally a **Double-Pole, Double-Throw (DPDT)** relay or a solid-state equivalent designed for DC control.
| Feature | Specification |
| :--- | :--- |
| **Control Voltage (Input)** | 24V DC |
| **Contact Configuration** | 2 Form C (DPDT) |
| **Mounting Type** | DIN Rail or Socket Mount |
| **Response Time** | High-speed switching (approx. 10-20ms) |
| **Indicator** | LED Status Indicator (standard in "R2" series) |
| **Protection** | Built-in diode for surge suppression |
---
## 2. Key Electronic Parts & Components
The internal architecture of the W2DY-24D4-R2/N consists of several critical stages:
### A. Input Stage (Coil/Control)
* **Electromagnetic Coil:** Rated at 24V DC. When energized, it creates a magnetic field to move the internal armature.
* **Polarity Protection:** Includes a freewheeling diode (Flyback diode) to prevent Back-EMF from damaging the driving PLC or controller.
### B. Switching Stage (Contacts)
* **Contact Material:** Typically Silver Tin Indium (AgSnIn) or Gold-plated silver for low contact resistance and long life.
* **Configuration:** The "24D4" indicates a 2-pole configuration, allowing the user to switch two independent circuits simultaneously.
### C. Monitoring & Housing
* **LED Circuit:** A built-in LED in series with a resistor provides visual feedback on whether the coil is energized.
* **Arc Shielding:** The internal casing is designed to prevent arcing between adjacent poles during high-load switching.
---
## 3. Nomenclature Breakdown
Understanding the part number helps in identifying its specific electronic behavior:
| Segment | Meaning |
| :--- | :--- |
| **W2DY** | Series designation (Industrial Slim Relay / Terminal Relay) |
| **24D** | Input Voltage (24 Volts Direct Current) |
| **4** | Number of poles or specific contact rating code |
| **R2** | Designates integrated features like LED and Diode protection |
| **N** | Specific terminal type (usually Screw or Push-in Plus) |
---
## 4. Typical Wiring Diagram Logic
```mermaid
graph LR
A[24V DC +] --> B(Relay Coil)
C[0V DC -] --> B
B --> D{Mechanical Link}
D --> E[Common 1]
D --> F[Common 2]
E -.-> G[Normally Closed]
E === H[Normally Open]
```
---
- ⤷
What is the maximum current rating for the contacts on this relay?
- ⤷ How does the 'N' suffix affect the mounting style compared to other versions?
- ⤷ Does this model require an external socket for DIN rail installation?