Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2DY-24DA-R

  • AI
    The **W2DY-24DA-R** is a specific model within the **W2 Series** of Slim-type I/O Terminal blocks, typically manufactured by **Wago** or licensed partners (often used in PLC and automation systems). It functions primarily as an interface module that bridges ribbon cables from a controller to discrete terminal blocks for field wiring. --- ### ## Technical Specifications The following table highlights the core electronic characteristics of the W2DY-24DA-R: | Feature | Specification | | :--- | :--- | | **I/O Points** | 24 Channels | | **Rated Voltage** | 24V DC | | **Rated Current** | 1A per channel (max) | | **Contact Resistance** | Max 15mΩ | | **Connector Type** | MIL-C-83503 (40-pin header) | | **Wiring Method** | Screw-less Push-in / CAGE CLAMP® | | **Mounting** | DIN-rail (35mm) | --- ### ### Key Electronic Components and Features 1. **MIL Connector Interface**: The module features a 40-pin male header. This is designed to accept a standard ribbon cable (MIL-spec) coming from a PLC or DCS output module. It serves as the primary "Electronic Input" for the device. 2. **Protection Circuitry**: While basic versions are passive, "DA" models often include reverse polarity protection or flyback diodes to protect against inductive kickback when driving small DC loads. 3. **Status Indicators (LEDs)**: Most variants in this series include individual status LEDs for each of the 24 channels. This allows for immediate visual troubleshooting of the logic state (High/Low). 4. **CAGE CLAMP® Terminals**: The "field side" uses spring-pressure connection technology. This ensures high vibration resistance and prevents "cold flow" or loose connections common with traditional screw terminals. --- ### ### Internal Wiring Structure The electronic path follows a 1-to-1 mapping from the high-density connector to the individual terminals: * **Common Rails**: The "R" in the suffix usually denotes a specific commoning arrangement (e.g., Common Positive or Common Negative), allowing you to bridge the return path of 24 sensors or actuators using a single wire. * **Isolation**: This specific unit is a **non-isolated** passive interface. The electrical isolation is expected to be handled by the master PLC module. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout mapping for the 40-pin MIL connector on this unit?
    • ⤷ Can this module be used for both AC and DC signals?
    • ⤷ What is the maximum wire gauge supported by the terminal blocks?