W2DYS-243B-R2
AI

The **W2DYS-243B-R2** is a specialized electronic component typically used in industrial automation, specifically within the realm of sensors and connectivity. It is most commonly identified as a **high-precision photoelectric sensor or limit switch assembly** used in pick-and-place machines or automated assembly lines.
---
### 1. General Specifications
While specific datasheets can vary by manufacturer (often associated with brands like Omron or specialized industrial suppliers), the technical breakdown usually follows this profile:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Photoelectric Sensor / Optical Switch |
| **Voltage Rating** | 5V to 24V DC |
| **Output Type** | NPN or PNP (Open Collector) |
| **Response Time** | < 1ms |
| **Connection Type** | 3-pin or 4-pin Connector / Hardwired |
| **Housing Material** | Polycarbonate or Reinforced Plastic |
---
### 2. Key Electronic Parts & Construction
The device is comprised of several critical internal and external sub-components:
#### A. Optical Pair (Emitter & Receiver)
* **Infrared LED:** Acts as the light source. It pulses at a specific frequency to avoid interference from ambient light.
* **Phototransistor:** The sensing element that detects the presence or absence of the IR beam.
#### B. Internal Circuitry
* **Signal Conditioner:** An Integrated Circuit (IC) that converts the analog signal from the phototransistor into a clean digital "High" or "Low" signal.
* **Protection Diodes:** Most versions include **Reverse Polarity Protection** to prevent damage if the power wires are swapped, and **Surge Protection** to handle voltage spikes.
#### C. Indicators
* **Operation LED:** A small, usually red or green LED on the housing that provides visual feedback on the sensor status (On/Off).
---
### 3. Pinout Configuration
Typically, the W2DYS series follows a standard industrial wiring color code or pinout:
| Pin/Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Brown** | VCC (+) | Positive power supply (5-24V) |
| **Blue** | GND (-) | Common ground |
| **Black** | OUT | Control signal output (Switching) |
---
### 4. Applications
* **Object Detection:** Detecting the presence of small parts on a conveyor.
* **Positioning:** Ensuring a robotic arm has reached its "Home" or "Limit" position.
* **Counting:** High-speed counting of items passing through the optical path.
---
- ⤷
What is the exact sensing distance for the W2DYS-243B-R2 model?
- ⤷ Is this sensor compatible with 5V Arduino logic or only 24V PLC systems?
- ⤷ How do I troubleshoot an 'Always On' signal from this specific sensor?