W2DYS-24AC-R2
AI

The **W2DYS-24AC-R2** is a specific model of an industrial AC fan, typically part of the **W2D series** produced by manufacturers like **ebm-papst**. It is categorized as an axial fan designed for high-performance cooling in industrial enclosures, power supplies, and telecommunications equipment.
---
### 1. Technical Specifications
The following table highlights the core electrical and mechanical characteristics of the unit:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage** | 24V AC |
| **Frequency** | 50/60 Hz |
| **Phase** | 1-Phase (Single Phase) |
| **Bearing Type** | Ball Bearings (Dual) |
| **Material** | Metal housing (Die-cast aluminum) / Metal Impeller |
| **Termination** | Lead wires (typically 2 or 3 wires) |
| **Protection** | Impedance protected or Thermal protection |
---
### 2. Breakdown of Electronic & Mechanical Parts
#### A. The Motor (External Rotor Design)
Unlike standard motors where the rotor is inside the stator, this fan likely uses an **external rotor motor**.
* **Stator:** The stationary part connected to the power leads.
* **Rotor:** The rotating outer shell that is directly attached to the fan blades. This design makes the unit compact and allows for better heat dissipation.
#### B. Bearings
The "Ball Bearing" system is a critical electronic/mechanical component.
* **Longevity:** It allows the fan to operate in any orientation (vertical or horizontal).
* **Durability:** High resistance to heat compared to sleeve bearings, essential for 24V industrial environments.
#### C. Winding & Insulation
* The copper windings are rated for specific temperature classes (typically Class B or F).
* **Impedance Protection:** The motor is designed so that if the fan is stalled (locked rotor), the internal resistance of the windings prevents the motor from overheating and catching fire.
#### D. Connection Points
* **Red/Black or Blue/Brown Wires:** Standard AC power input.
* **Grounding:** Since the housing is metal, there is often a grounding point to prevent ESD (Electrostatic Discharge) or electrical shock.
---
### 3. Application Use Cases
Because it operates on **24V AC**, it is often found in specific niches:
1. **HVAC Control Systems:** Many building automation controllers output 24V AC.
2. **Industrial Cabinets:** Cooling PLCs (Programmable Logic Controllers) and Transformers.
3. **Medical Equipment:** Where low-voltage AC is preferred for safety over high-voltage mains (115V/230V).
---
- ⤷
What are the airflow (CFM) ratings for the W2DYS-24AC-R2?
- ⤷How do I wire this fan to a 24V AC power source?
- ⤷What is the difference between the R2 and R1 versions of this fan?