W2PA-11B-R/N
AI

The **W2PA-11B-R/N** is a specific type of **RF (Radio Frequency) connector**, commonly classified under the **U.FL (or IPEX/MHF)** compatible family. These components are critical for establishing miniature coaxial connections in high-frequency wireless devices.
### 1. General Specifications
The W2PA-11B-R/N is designed for space-constrained PCB applications where a secure connection to an external antenna or a secondary RF module is required.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | SMT (Surface Mount Technology) Receptacle |
| **Frequency Range** | DC to 6 GHz |
| **Impedance** | 50 Ohms (Standard) |
| **Mounting Style** | PCB Right Angle (Top Entry) |
| **Durability** | ~30 Mating Cycles |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Key Electronic Characteristics
These parts are engineered to minimize signal loss and interference at high frequencies.
* **Low VSWR (Voltage Standing Wave Ratio):** Typically rated at 1.3 Max (up to 3 GHz) or 1.5 Max (up to 6 GHz). This ensures maximum power transfer from the PCB to the antenna.
* **Contact Resistance:** High-quality plating (usually Gold) is used on the center contact to maintain low resistance (approx. 20m $\Omega$ max).
* **Insulation Resistance:** Usually rated at 500M $\Omega$ minimum to prevent signal leakage between the signal pin and the ground shell.
* **Dielectric Withstanding Voltage:** Capable of handling approx. 200V AC for one minute.
---
### 3. Physical Construction
The "R/N" suffix often denotes specific packaging or orientation details (such as Reel/Natural).
* **Housing:** High-temperature plastic (LCP - Liquid Crystal Polymer) to withstand reflow soldering temperatures.
* **Contact:** Copper Alloy with Gold plating.
* **Shell:** Phosphor Bronze with Silver or Gold plating for excellent solderability and grounding.
* **Mated Height:** This series is known for its ultra-low profile, typically ranging between **1.2mm to 2.5mm** when mated with a cable plug.
---
### 4. Common Applications
Due to its small footprint and high-frequency capabilities, it is found in:
* **Wi-Fi / Bluetooth Modules:** Connecting internal antennas in laptops and tablets.
* **IoT Devices:** LoRa, Sigfox, and Zigbee communication nodes.
* **GPS Receivers:** Providing a port for external active or passive antennas.
* **Smartphones:** Managing internal RF routing between boards.
---
### 5. Soldering Footprint (Typical)
When designing a PCB for this part, the landing pattern usually follows a three-pad layout:
1. **Center Pad:** Signal (Hot).
2. **Two Side Pads:** Ground (Shielding and mechanical stability).
```text
[ Ground ] [ Signal ] [ Ground ]
|-----------| | |-----------|
```
- ⤷
What is the exact mated height of the W2PA-11B-R/N compared to standard U.FL connectors?
- ⤷ What are the recommended reflow soldering temperature profiles for this component?
- ⤷ Are there specific cable assembly part numbers compatible with this receptacle?