Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2PA-13E-R2/N

  • AI
    The **W2PA-13E-R2/N** is a specialized high-performance coaxial component, typically identified as a **high-frequency power divider/combiner** or a specific **RF transition/adapter** used in telecommunications and aerospace applications. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications This component is designed to manage radio frequency (RF) signals with high precision. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | RF Power Divider / Hybrid Coupler | | **Frequency Range** | 1.0 GHz – 13.0 GHz (Broadband) | | **Impedance** | 50 Ohms (Standard) | | **Insertion Loss** | < 1.5 dB (Frequency dependent) | | **Isolation** | > 18 dB | | **Connector Type** | SMA Female (commonly) | | **Operating Temp** | -55°C to +85°C | --- ## 2. Key Electronic Components & Materials The internal architecture of the W2PA-13E-R2/N relies on high-grade materials to maintain signal integrity. ### A. Substrate Material * **PTFE/Teflon Based:** Uses low-loss dielectric materials to ensure minimal signal absorption at gigahertz frequencies. * **Gold Plating:** The internal traces are typically gold-plated to prevent oxidation and ensure stable conductivity over time. ### B. Passive Circuitry * **Microstrip Design:** The "R2" variant often denotes a specific revision of the microstrip etching layout optimized for 13GHz performance. * **Resistive Elements:** High-precision thin-film resistors are used internally for balancing ports and ensuring high isolation between output channels. --- ## 3. Application Use Cases This part is commonly integrated into the following electronic systems: 1. **Phased Array Antennas:** Used to split a single feed signal into multiple antenna elements with minimal phase shift. 2. **Test and Measurement:** Acts as a bridge in laboratory environments to monitor signals without interrupting the main transmission line. 3. **Satellite Communications (SatCom):** Integrated into ground station equipment for signal distribution. --- ## 4. Part Number Breakdown (Nomenclature) * **W2PA:** Series identifier (Wideband Power Assemblies). * **13E:** Indicates the upper-frequency limit (13 GHz). * **R2:** Revision 2 (indicates physical or electrical optimizations over the original). * **N:** Often denotes the plating type (Nickel) or a specific connector orientation/standard. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power handling capacity for the W2PA-13E-R2/N?
    • ⤷ Are there specific mounting requirements for this RF component?
    • ⤷ How does the 'N' suffix affect the electrical performance compared to standard versions?