W2PA-16A-R/N
AI

The **W2PA-16A-R/N** is a specialized power distribution component, typically classified as a **Power Entry Module (PEM)** or a **Filtered IEC Inlet**. These parts are essential for managing AC power input while providing electrical safety and noise suppression for sensitive electronic equipment.
---
### 1. Key Technical Specifications
Based on the part number nomenclature, the following technical parameters generally apply:
| Parameter | Specification |
| :--- | :--- |
| **Current Rating** | 16 Amperes |
| **Voltage Rating** | 250V AC |
| **Connector Type** | IEC 60320 C20 (Inlet) |
| **Mounting Style** | Panel Mount (Screw or Snap-in) |
| **Filter Type** | RFI/EMI Suppression Filter |
| **Termination** | Quick-connect terminals or Solder tabs |
---
### 2. Functional Breakdown
#### A. Power Input (IEC C20)
The "16A" designation indicates a high-capacity current handling. The **C20 inlet** is the standard for 16A-20A applications (common in servers and medical imaging devices), which is larger and handles more heat than the standard 10A C14 inlet found on desktop PCs.
#### B. EMI/RFI Filtering
The "R/N" often denotes the internal circuitry layout regarding the **Resistor (R)** and **Neutral (N)** line configurations or specific leakage current ratings:
* **Noise Suppression:** It contains capacitors (X and Y types) and an inductor (choke) to prevent electromagnetic interference from entering the device or leaking back into the power grid.
* **Safety:** It protects the internal electronics from high-frequency transients.
#### C. Safety Compliance
These parts are usually engineered to meet international safety standards such as:
* **UL/CSA:** North American safety standards.
* **VDE/ENEC:** European electrical standards.
* **RoHS:** Restriction of Hazardous Substances compliant.
---
### 3. Common Applications
Due to its high amperage rating (16A), this component is typically found in:
* **Data Centers:** High-end servers and Blade chassis.
* **Industrial Equipment:** Large-scale CNC machines or control panels.
* **Medical Devices:** Diagnostic equipment requiring low leakage current and high power stability.
* **Telecommunications:** Network switches and routers.
---
### 4. Schematic Representation
Internally, the electronic structure follows a standard Pi-filter or LC-filter circuit:
```text
L (Line) ---- [ Inductor ] ---- [ Load ]
| |
[Cx] [Cy]
| |
N (Neutral) ---- [ Inductor ] ---- [ Load ]
|
[GND]
```
---
- ⤷What is the difference between a C14 and a C20 power inlet?
- ⤷ How does an EMI filter improve electronic device lifespan?
- ⤷ What are the mounting hole dimensions for the W2PA series?