AI

The **W2PA-1GF-R/Q** is a high-performance **Surface Mount (SMT) Wi-Fi/Bluetooth Internal Antenna** manufactured by **Inpaq Technology**. It is designed specifically for integration into compact electronic devices requiring wireless connectivity.
---
### 1. Key Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Frequency Range** | 2.4 GHz - 2.5 GHz / 5.15 GHz - 5.85 GHz |
| **Wireless Standard** | Wi-Fi (802.11 a/b/g/n/ac) & Bluetooth |
| **Peak Gain** | ~2.0 to 4.0 dBi (Depends on ground plane) |
| **VSWR** | < 2.0 |
| **Impedance** | 50 $\Omega$ |
| **Polarization** | Linear |
| **Mounting Type** | Surface Mount (SMD) |
| **Material** | Ceramic / FR4 Composite |
---
### 2. Functional Description
The W2PA-1GF-R/Q belongs to the **Chip Antenna** category. Unlike external "rubber duck" antennas, this part is soldered directly onto the PCB (Printed Circuit Board).
* **Dual-Band Operation:** It supports both the 2.4 GHz band (congested, long range) and the 5 GHz band (high speed, low interference).
* **Omni-directional Pattern:** It is designed to radiate energy in almost all directions, which is critical for mobile devices like tablets or IoT sensors.
* **Compact Footprint:** The "W2PA" series is known for its low profile, allowing engineers to save vertical space within slim enclosures.
---
### 3. Implementation and Layout Requirements
Because this is a passive RF component, its performance is heavily dependent on the PCB layout.
* **Clearance Area:** To function correctly, the antenna requires a "Keep-out Area" (no copper/ground planes) directly beneath and around the radiating element.
* **Matching Network:** Engineers typically include a **Pi-matching circuit** (inductors and capacitors) between the Wi-Fi module and this antenna to tune the impedance to exactly 50 Ohms.
* **Ground Plane:** The size of the PCB acts as the counterpoise. If the PCB is too small, the antenna efficiency will drop.
---
### 4. Common Applications
* **Smart Home:** Smart plugs, thermostats, and security cameras.
* **Computing:** Mini-PCs, tablets, and laptop peripherals.
* **IoT:** Industrial sensors and gateways.
* **Wearables:** Fitness trackers (where space is at a premium).
- ⤷
What is the recommended PCB clearance area for the W2PA series?
- ⤷ How do I design a matching network for a 2.4/5GHz chip antenna?
- ⤷ What are the alternatives to chip antennas for high-gain applications?