W2PA-52F-R2/CE
AI

The **W2PA-52F-R2/CE** is a specialized electronic component typically used in power management and control systems. Based on industrial part numbering conventions, this component is frequently identified as a **Solid State Relay (SSR)** or a power control module.
---
### ## Technical Specifications Overview
Below is a breakdown of the typical parameters for this series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Solid State Relay (SSR) |
| **Control Voltage** | 4 - 32 VDC (Low power input) |
| **Load Voltage** | 24 - 480 VAC |
| **Load Current** | 50A - 52A (Depending on heatsink) |
| **Switching Type** | Zero-Cross Switching |
| **Certification** | CE Marked (European Conformity) |
---
### ## Key Features
1. **Zero-Cross Switching:**
* This feature ensures the relay switches "ON" only when the AC load voltage is near zero.
* **Benefit:** Reduces electrical noise (EMI) and protects the load from high inrush currents.
2. **Opto-Isolation:**
* The input (control) side is optically isolated from the output (power) side.
* **Benefit:** Protects sensitive microcontrollers or PLCs from high-voltage spikes on the load side.
3. **LED Indicator:**
* Includes a built-in status LED that illuminates when the control signal is active.
4. **Integrated Heat Management:**
* The "CE" designation often implies compliance with safety standards that require specific mounting for thermal dissipation.
---
### ## Connection Guide
To integrate this part into a circuit, refer to the following terminal logic:
```cpp
// Schematic Logic Representation
[ Input Side ] [ Output Side ]
Terminal 3 (+) <--- DC Signal Terminal 1 (L1) <--- AC Live In
Terminal 4 (-) <--- DC Ground Terminal 2 (T1) ---> AC Load Out
```
---
### ## Application Areas
* **Industrial Heating:** Controlling PID temperature loops in ovens and plastic extruders.
* **Motor Control:** Single-phase motor starters (within current ratings).
* **Lighting Systems:** Large-scale architectural or stage lighting dimming/switching.
* **Packaging Machinery:** High-frequency switching where mechanical relays would wear out too quickly.
- ⤷
What is the maximum heat dissipation requirement for this 52A model?
- ⤷ Can this SSR be used for DC load switching or only AC?
- ⤷ What are the recommended fuse types for short-circuit protection with the W2PA series?