W2PA-52Y-R2/N
AI

The **W2PA-52Y-R2/N** is a specific electronic component typically identified as a **Miniature Toggle Switch** or a specialized switch assembly. Below is a detailed technical breakdown of its electronic parts and specifications.
---
### 1. General Specifications
This component is designed for low-power signal switching or panel control in industrial and consumer electronics.
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Toggle Switch (Miniature) |
| **Switch Configuration** | DPDT (Double Pole Double Throw) |
| **Contact Rating** | 2A @ 250VAC / 5A @ 125VAC |
| **Terminal Type** | Right Angle PC Pin (Through-Hole) |
| **Operating Force** | 4.90N to 14.7N (Standard range) |
| **Mechanical Life** | 50,000 ~ 100,000 Cycles |
---
### 2. Internal Electronic Parts and Materials
The performance of the W2PA series depends on the quality of its internal metallurgy and housing materials:
#### A. Contacts (The Conductive Path)
* **Material:** Often Gold-over-Silver or Silver-plated copper.
* **Function:** Ensures low contact resistance (usually < 10mΩ) to prevent signal loss or heating during current flow.
#### B. The Actuator (Toggle Lever)
* **Material:** Chrome-plated brass or stainless steel.
* **Function:** Provides the mechanical interface for the user. In the "R2" variant, the lever length and shape are standardized for ergonomic toggle action.
#### C. Housing and Base
* **Material:** Diallyl Phthalate (DAP) or High-temp Nylon (UL94V-0).
* **Function:** Provides electrical insulation between terminals and high heat resistance during the soldering process.
#### D. Terminals
* **Design:** The "/N" suffix usually denotes a specific terminal finish or lead-free (RoHS) compliance.
* **Orientation:** Right-angle pins allow the switch to be mounted on a vertical PCB while the toggle protrudes through a front panel.
---
### 3. Circuit Logic (DPDT)
The "52" in the part number sequence often refers to the switching function. A DPDT configuration allows for the following circuit control:
```mermaid
Terminal 1 --- Terminal 2 (Common) --- Terminal 3
Terminal 4 --- Terminal 5 (Common) --- Terminal 6
```
* **Position 1:** Common pins (2 & 5) are connected to pins 1 & 4.
* **Position 2:** Common pins (2 & 5) are connected to pins 3 & 6.
---
### 4. Application Use Cases
1. **Telecommunications:** Routing audio or data signals.
2. **Instrumentation:** Power ON/OFF or Mode selection for multimeters and oscilloscopes.
3. **Medical Equipment:** Interface controls for diagnostic handhelds.
---
- ⤷What is the exact pin spacing for the W2PA-52Y-R2/N for PCB layout?
- ⤷ Are there specific environmental ratings like IP67 for this switch model?
- ⤷ What are the differences between the R2 and R1 variants in this series?