Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2PA-5AB-R2/Q

  • AI
    The **W2PA-5AB-R2/Q** is a high-performance **Wi-Fi 6 (802.11ax) Dual-Band Front-End Module (FEM)**. It is primarily designed for mobile devices, IoT hardware, and networking equipment to enhance signal strength and efficiency. ### Technical Overview This module integrates multiple RF functions into a single, compact package to save space on the Printed Circuit Board (PCB). | Feature | Specification / Description | | :--- | :--- | | **Frequency Range** | 2.4 GHz and 5 GHz (Dual-Band) | | **Standard Support** | Wi-Fi 6 (802.11ax), backwards compatible with 802.11a/b/g/n/ac | | **Integrated Parts** | Power Amplifier (PA), Low Noise Amplifier (LNA), and T/R Switch | | **Package Type** | Compact QFN or LGA-style surface mount | | **Primary Use** | Enhancing range and throughput for wireless communication | --- ### Core Internal Components 1. **Power Amplifier (PA):** * Boosts the output power of the Wi-Fi signal before it reaches the antenna. * Optimized for high linearity to handle the complex modulation of Wi-Fi 6 (1024-QAM). 2. **Low Noise Amplifier (LNA):** * Amplifies weak incoming signals received from the antenna. * Features a low "Noise Figure" (NF) to ensure the signal remains clear even at long distances. 3. **Transmit/Receive (T/R) Switch:** * Rapidly toggles the antenna connection between the PA (transmit) and the LNA (receive) paths. 4. **Integrated Log Detector:** * Provides closed-loop power control to ensure the output remains stable despite temperature or voltage fluctuations. --- ### Key Performance Benefits * **Efficiency:** Designed to consume minimal power, which is critical for battery-operated mobile devices. * **Small Footprint:** By integrating the PA, LNA, and filters, it reduces the "Bill of Materials" (BOM) count for engineers. * **Improved Coverage:** The high gain of the PA allows Wi-Fi signals to penetrate walls more effectively and reach further distances. --- ### Example Schematic Context In a typical circuit design, the W2PA-5AB-R2/Q sits between the **Wi-Fi SoC (System on Chip)** and the **Antenna**. ```mermaid graph LR SoC[Wi-Fi SoC / Transceiver] -- Low Power Signal --> FEM[W2PA-5AB-R2/Q] FEM -- Amplified Signal --> ANT[Antenna] ANT -- Incoming Signal --> FEM FEM -- Cleaned Signal --> SoC ``` ---
    ✨ Follow-up Questions
    • ⤷What are the power supply voltage requirements for this FEM?
    • ⤷ How does this module compare to the R1 version of the same series?
    • ⤷ Which Wi-Fi chipsets are most compatible with the W2PA series?