Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2PA-5BC-R/N

  • AI
    The **W2PA-5BC-R/N** is a specialized electronic component, typically categorized as a high-frequency RF (Radio Frequency) power amplifier module or a wireless communication sub-assembly. It is designed to operate within specific industrial, scientific, and medical (ISM) bands. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The "W2PA" series is often associated with high-power wireless transmission. The suffix code (5BC-R/N) generally indicates its frequency tuning, gain characteristics, and compliance (such as RoHS). ### 2. Technical Specifications While exact specifications can vary based on the manufacturer's revision, the general parameters for this class of device are as follows: | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Operating Frequency** | 2.4 GHz - 2.5 GHz | Standard ISM Band for WiFi/Bluetooth. | | **Supply Voltage (Vcc)** | 3.3V - 5.0V DC | Common logic and power levels. | | **Output Power** | +20 to +30 dBm | High power output for extended range. | | **Input Impedance** | 50 $\Omega$ | Standard RF impedance matching. | | **Connector Type** | SMT or U.FL | Surface mount or micro-coaxial connector. | | **Operating Temp** | -40°C to +85°C | Industrial grade thermal tolerance. | --- ### 3. Key Electronic Sub-components The module consists of several critical stages to ensure signal integrity: 1. **Power Amplifier (PA) Stage:** The core transistor (often GaN or GaAs) that boosts the low-power input signal to a high-power output. 2. **Low Pass Filter (LPF):** Integrated to suppress harmonics and ensure the device meets EMI/EMC regulatory standards. 3. **Matching Network:** LC circuits (inductors and capacitors) designed to match the 50-ohm impedance between the internal die and the external antenna. 4. **Bias Control:** Internal circuitry that manages the current flow to the amplifier to prevent thermal runaway. ### 4. Application Use Cases * **Wireless LAN (WLAN):** Boosting signals for long-range WiFi routers. * **Industrial Telemetry:** Sending sensor data over long distances in noisy environments. * **RF Front-End Modules:** Acting as the final stage in a radio transmitter chain. --- ### 5. Implementation Example (Pseudo-Code) When interfacing with a controller to toggle the amplifier state (if it features an "Enable" pin): ```cpp // Example: Controlling the PA Enable pin via Arduino/ESP32 const int PA_ENABLE_PIN = 5; void setup() { pinMode(PA_ENABLE_PIN, OUTPUT); } void loop() { // Turn on Power Amplifier for transmission digitalWrite(PA_ENABLE_PIN, HIGH); delay(100); // Stabilization time // Perform Transmission logic here // Turn off to save power digitalWrite(PA_ENABLE_PIN, LOW); delay(1000); } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum gain in dB for the W2PA-5BC-R/N?
    • ⤷ Does this module require a specific heat sink for operation?
    • ⤷ What are the pinout configurations for the R/N variant?