W2PA-5CC-R/Q
AI

The **W2PA-5CC-R/Q** is a high-performance power module, typically categorized as a **DC-DC Converter** or a specialized **Power Supply Module** often used in automotive and industrial applications.
Below is a detailed breakdown of its electronic components and characteristics.
---
### 1. General Specifications
The W2PA series is known for its compact design and high reliability. The suffix "R/Q" often denotes specific qualification standards, such as AEC-Q100 for automotive reliability.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Isolated/Non-Isolated DC-DC Converter |
| **Input Voltage Range** | Typically wide-range (e.g., 9V - 36V or specific to 12V/24V systems) |
| **Output Voltage** | Regulated DC output (varies by sub-model) |
| **Form Factor** | Surface Mount (SMD) or Through-hole depending on the lead frame |
| **Efficiency** | High efficiency (typically >85%) |
---
### 2. Key Internal Electronic Parts
The module integrates several sub-components to perform power conversion efficiently:
* **Switching Controller:** An integrated circuit (IC) that regulates the pulse width modulation (PWM) to maintain a steady output voltage regardless of input fluctuations.
* **MOSFETs:** High-speed switching transistors used to chop the input DC into high-frequency AC for transformation.
* **Power Inductor:** Used for energy storage and filtering to ensure low ripple current.
* **Capacitor Bank:** Usually includes MLCC (Multi-Layer Ceramic Capacitors) for high-frequency noise suppression and Tantalum or Electrolytic capacitors for bulk energy storage.
* **Protection Circuitry:**
* **OCP:** Over-Current Protection.
* **OVP:** Over-Voltage Protection.
* **OTP:** Over-Temperature Protection (Thermal shutdown).
---
### 3. Application Areas
Due to its robust construction, this part is commonly found in:
1. **Automotive Electronics:** Infotainment systems, ADAS sensors, and ECU power regulation.
2. **Industrial Automation:** PLC power rails and sensor communication modules.
3. **Telecommunications:** Distributed power architectures.
---
### 4. Comparison Table: R vs. Q Variants
In electronic part numbering, suffixes carry significant meaning regarding testing and environment.
| Suffix | Meaning | Typical Usage |
| :--- | :--- | :--- |
| **-R** | RoHS Compliant / Tape & Reel | Standard industrial production |
| **-Q** | Automotive Grade (AEC-Q) | High vibration, wide temperature range (-40°C to +125°C) |
---
- ⤷
What are the specific input and output voltage ratings for the W2PA-5CC series?
- ⤷ Is the W2PA-5CC-R/Q an isolated or non-isolated converter?
- ⤷ What are the recommended footprint dimensions for PCB layout?